Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC-TM6 Datasheet(PDF) 10 Page - PHOENIX CONTACT

No. de pieza UC-TM6
Descripción Electrónicos  Solid-state relay module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

UC-TM6 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button UC-TM6 Datasheet HTML 3Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 4Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 5Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 6Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 7Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 8Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 9Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 10Page - PHOENIX CONTACT UC-TM6 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967866
05/25/2018   Page 10 / 11
Solid-state relay module - PLC-OSC- 60DC/230AC/ 1 - 2967866
Accessories
Single solid-state relay
Miniature solid-state relay - OPT-60DC/230AC/ 1 - 2967963
Plug-in miniature solid-state relay, power solid-state relay, 1 N/O contact, input: 60 V DC, output: 24 - 253 V AC/0.75
A
 
 
Terminal marking
Zack marker strip - ZB 6/WH-100:UNBEDRUCKT - 5060935
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, mounting type:
snap into tall marker groove, for terminal block width: 6.2 mm, lettering field size: 6.15 x 10.5 mm
 
 
Zack marker strip - ZB 6:UNBEDRUCKT - 1051003
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, mounting type:
snap into tall marker groove, for terminal block width: 6.2 mm, lettering field size: 6.15 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 6 - 0818085
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK CLED, BLUEMARK LED, CMS-
P1-PLOTTER, PLOTMARK, mounting type: snap into tall marker groove, for terminal block width: 6.2 mm, lettering
field size: 5.6 x 10.5 mm
 
 
Marker for terminal blocks - UCT-TM 6 - 0828736
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK
CARD, BLUEMARK CLED, BLUEMARK LED, TOPMARK LASER, mounting type: snap into tall marker groove, for
terminal block width: 6.2 mm, lettering field size: 5.6 x 10.5 mm
 
 
Spare parts


Número de pieza similar - UC-TM6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
UC-TM6 PHOENIX-UC-TM6 Datasheet
157Kb / 11P
   Solid-state relay module
UC-TM6 PHOENIX-UC-TM6 Datasheet
152Kb / 11P
   Solid-state relay module
More results

Descripción similar - UC-TM6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com