Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB104V03 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza LB104V03
Descripción Electrónicos  Liquid Crystal Display
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LB104V03 Datasheet(HTML) 4 Page - NXP Semiconductors

  LB104V03 Datasheet HTML 1Page - NXP Semiconductors LB104V03 Datasheet HTML 2Page - NXP Semiconductors LB104V03 Datasheet HTML 3Page - NXP Semiconductors LB104V03 Datasheet HTML 4Page - NXP Semiconductors LB104V03 Datasheet HTML 5Page - NXP Semiconductors LB104V03 Datasheet HTML 6Page - NXP Semiconductors LB104V03 Datasheet HTML 7Page - NXP Semiconductors LB104V03 Datasheet HTML 8Page - NXP Semiconductors LB104V03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Product Specification
4 / 24
LB104V03
Liquid Crystal Display
Ver. 1.1
Oct. 10, 2003
1. General Description
General Features
6-bit, 262,144 colors
Color Depth
640 horiz. By 480 vert. Pixels RGB strip arrangement
Pixel Format
400 cd/m2(Typ.) Lamp Ass’y replaceable
Luminance, White
6.3 Watt(Typ.)
Power Consumption
490g (Max.)
Weight
Transmissive mode, normally white
Display Operating Mode
Hard coating(3H) Anti-glare treatment of the front polarizer
Surface Treatment
0.33 mm × 0.33 mm
Pixel Pitch
236(H) × 180(V) × 10(D) mm
Outline Dimension
10.4 inches(26.42cm) diagonal
Active Screen Size
The LB104V03-A1 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp (CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a
transmissive type display operating in the normally white mode. This TFT-LCD has 10.4 inches diagonally
measured active display area with VGA resolution(480 vertical by 640 horizontal pixel array). Each pixel is
divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or the
brightness of the sub-pixel color is determined with a 6-bit gray scale signal for each dot, thus, presenting a
palette of more than 262,144 colors.
The LB104V03-A1 is intended to support applications where thin thickness, low power are critical factors
and graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the
LB104V03-A1 characteristics provide an excellent flat display for office automation products such as
Notebook PC.
INPUT CONNECTOR
POWER SUPPLY
TIMING
CONTROLLER
SOURCE DRIVE CIRCUIT
TFT-LCD
(640 X 3 X 480)
GATE
DRIVE
CIRCUIT
POWER
(VDD,GND)
DISPLAY DATA &
TIMING SIGNAL
G1
G2
G479
G480
D1
D2
D1919D1920
LAMP2
VBL
GND
CN3
LAMP1
VBL
CN2
GND
CN1


Número de pieza similar - LB104V03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gulf Semiconductor
LB10 GULFSEMI-LB10 Datasheet
96Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Descripción similar - LB104V03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com