Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA10244 Datasheet(PDF) 3 Page - Ledil, Inc.

No. de pieza CA10244
Descripción Electrónicos  ~65째 wide beam. Assembly with tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10244 Datasheet(HTML) 3 Page - Ledil, Inc.

  CA10244_18 Datasheet HTML 1Page - Ledil, Inc. CA10244_18 Datasheet HTML 2Page - Ledil, Inc. CA10244_18 Datasheet HTML 3Page - Ledil, Inc. CA10244_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA10244_TITANUM-O-W
PHOTOMETRIC DATA (MEASURED):
LED
Golden Dragon+
FWHM
62.0°
Efficiency
74 %
Peak intensity
1.780 cd/lm
Required components:
LED
Platinum Dragon
FWHM
70.0°
Efficiency
74 %
Peak intensity
0.550 cd/lm
Required components:
Last update: 17/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Número de pieza similar - CA10244_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CA10244 CREE-CA10244 Datasheet
93Kb / 2P
   Titanum series
More results

Descripción similar - CA10244_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
   ~65째 wide beam. Assembly with installation tape.
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
   ~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
   ~65째 wide beam
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
   ~65째 wide beam
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
   ~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
   ~65째 wide beam.
C13413 LEDIL-C13413 Datasheet
2Mb / 8P
   ~65째 wide beam with 7 optics
CS15765 LEDIL-CS15765 Datasheet
5Mb / 6P
   ~65째 wide beam. New revision.
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
   ~85째 wide beam. Assembly with installation tape.
CA13747 LEDIL-CA13747 Datasheet
1Mb / 5P
   ~165째 wide beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com