Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65014RGZRG4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS65014RGZRG4
Descripción Electrónicos  POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65014RGZRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65014RGZRG4 Datasheet HTML 5Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 6Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 7Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 8Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 9Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 10Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 11Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 12Page - Texas Instruments TPS65014RGZRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
www.ti.com
SERIAL INTERFACE TIMING REQUIREMENTS
PIN ASSIGNMENTS
ISET
TS
BATT_COVER
AC
VBAT_A
VBAT_B
USB
AGND2
AGND3
PGND2
PB_ONOFF
VCORE
RGZ PACKAGE
(TOP VIEW)
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
1
2 3
4 5 6 7
8 9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
VLDO1
VFB_LDO1
VINLDO1
AGND1
VLDO2
VINLDO2
GPIO3
GPIO4
PGND1_B
PGND1_A
PS_SEQ
VMAIN
NC − No internal connection
TPS65014
SLVS551 – DECEMBER 2004
MIN
MAX UNIT
Clock frequency, fMAX
400
kHz
Clock high time, twH(HIGH)
600
ns
Clock low time, twL(LOW)
1300
ns
DATA and CLK rise time, tR
300
ns
DATA and CLK fall time, tF
300
ns
Hold time (repeated) START condition (after this period the first clock pulse is generated), th(STA)
600
ns
Setup time for repeated START condition, th(DATA)
600
ns
Data input hold time, th(DATA)
0
ns
Data input setup time, tsu(DATA)
100
ns
STOP condition setup time, tsu(STO)
600
ns
Bus free time, t(BUF)
1300
ns
9


Número de pieza similar - TPS65014RGZRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65014RGZT TI1-TPS65014RGZT Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
More results

Descripción similar - TPS65014RGZRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com