Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC154PW Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74HC154PW
Descripción Electrónicos  4-to-16 line decoder/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC154PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC154PW Datasheet HTML 1Page - NXP Semiconductors 74HC154PW Datasheet HTML 2Page - NXP Semiconductors 74HC154PW Datasheet HTML 3Page - NXP Semiconductors 74HC154PW Datasheet HTML 4Page - NXP Semiconductors 74HC154PW Datasheet HTML 5Page - NXP Semiconductors 74HC154PW Datasheet HTML 6Page - NXP Semiconductors 74HC154PW Datasheet HTML 7Page - NXP Semiconductors 74HC154PW Datasheet HTML 8Page - NXP Semiconductors 74HC154PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2004 Oct 12
4
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74HC154; 74HCT154
ORDERING INFORMATION
TYPE NUMBER
TEMPERATURE
RANGE
PACKAGE
PINS
PACKAGE
MATERIAL
CODE
74HC154N
−40 °C to +125 °C
24
DIP24
plastic
SOT101-1
74HCT154N
−40 °C to +125 °C
24
DIP24
plastic
SOT101-1
74HC154D
−40 °C to +125 °C
24
SO24
plastic
SOT137-1
74HCT154D
−40 °C to +125 °C
24
SO24
plastic
SOT137-1
74HC154DB
−40 °C to +125 °C
24
SSOP24
plastic
SOT340-1
74HCT154DB
−40 °C to +125 °C
24
SSOP24
plastic
SOT340-1
74HC154PW
−40 °C to +125 °C
24
TSSOP24
plastic
SOT355-1
74HCT154PW
−40 °C to +125 °C
24
TSSOP24
plastic
SOT355-1
74HC154BQ
−40 °C to +125 °C
24
DHVQFN24
plastic
SOT815-1
74HCT154BQ
−40 °C to +125 °C
24
DHVQFN24
plastic
SOT815-1
PINNING
PIN
SYMBOL
DESCRIPTION
1
Y0
data output (active LOW)
2
Y1
data output (active LOW)
3
Y2
data output (active LOW)
4
Y3
data output (active LOW)
5
Y4
data output (active LOW)
6
Y5
data output (active LOW)
7
Y6
data output (active LOW)
8
Y7
data output (active LOW)
9
Y8
data output (active LOW)
10
Y9
data output (active LOW)
11
Y10
data output (active LOW)
12
GND
ground (0 V)
13
Y11
data output (active LOW)
14
Y12
data output (active LOW)
15
Y13
data output (active LOW)
16
Y14
data output (active LOW)
17
Y15
data output (active LOW)
18
E0
enable input
19
E1
enable input
20
A3
data input
21
A2
data input
22
A1
data input
23
A0
data input
24
VCC
positive supply voltage


Número de pieza similar - 74HC154PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC154PW NXP-74HC154PW Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC154PW NXP-74HC154PW Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HC154PW NEXPERIA-74HC154PW Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results

Descripción similar - 74HC154PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com