Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7905-40AIE Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK7905-40AIE
Descripción Electrónicos  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7905-40AIE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7905-40AIE Datasheet HTML 2Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 3Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 4Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 5Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 6Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 7Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 8Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 9Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
BUK71/7905-40AIE
TrenchPLUS standard level FET
Product data
Rev. 04 — 6 February 2004
6 of 16
9397 750 12341
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Ld
internal drain inductance
measured from upper edge
of drain mounting base to
center of die
-
2.5
-
nH
Ls
internal source inductance
measured from source lead
to source bond pad
-
7.5
-
nH
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 40 A; VGS =0V;
Figure 17
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = −100 A/µs
VGS = −10 V; VDS =30V
-96
-
ns
Qr
recovered charge
-
224
-
nC
Table 5:
Characteristics…continued
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - BUK7905-40AIE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7905-40AIE NXP-BUK7905-40AIE Datasheet
224Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
logo
NXP Semiconductors
BUK7905-40AIE PHILIPS-BUK7905-40AIE_15 Datasheet
224Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-10 February 2009
More results

Descripción similar - BUK7905-40AIE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7107-40ATC PHILIPS-BUK7107-40ATC Datasheet
322Kb / 16P
   TrenchPLUS standard level FET
Rev. 01-9 August 2002
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com