Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMV358AIDR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
LMV358AIDR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 29 page 5 LMV358A www.ti.com SBOS923A – DECEMBER 2017 – REVISED MAY 2018 Product Folder Links: LMV358A Submit Documentation Feedback Copyright © 2017–2018, Texas Instruments Incorporated 6.5 Electrical Characteristics For VS = (V+) – (V–) = 2.5 V to 5.5 V (±0.9 V to ±2.75 V), TA = 25 °C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2 (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT OFFSET VOLTAGE VOS Input offset voltage Vs = 5 V ±1 ±4 mV Vs = 5 V, TA = –40°C to 125°C ±5 mV dVOS/dT VOS vs temperature TA = –40°C to 125°C ±1 μV/°C PSRR Power-supply rejection ratio VS = 2.5 to 5.5 V, VCM = (V–) 78 100 dB INPUT VOLTAGE RANGE VCM Common-mode voltage range No phase reversal, rail-to-rail input (V–) – 0.1 (V+) – 1 V CMRR Common-mode rejection ratio VS = 2.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V TA = –40°C to 125°C 86 dB VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V TA = –40°C to 125°C 95 dB VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V TA = –40°C to 125°C 63 77 dB VS = 2.5 V, (V–) – 0.1 V < VCM < (V+)+ 0.1 V TA = –40°C to 125°C 68 dB INPUT BIAS CURRENT IB Input bias current Vs = 5 V ±10 pA IOS Input offset current ±3 pA NOISE En Input voltage noise (peak-to-peak) ƒ = 0.1 Hz to 10 Hz, Vs = 5 V 5.1 μVPP en Input voltage noise density ƒ = 1 kHz, Vs = 5 V 33 nV/ √Hz ƒ = 10 kHz, Vs = 5 V 30 nV/ √Hz in Input current noise density ƒ = 1 kHz, Vs = 5 V 25 fA/ √Hz INPUT CAPACITANCE CID Differential 1.5 pF CIC Common-mode 5 pF OPEN-LOOP GAIN AOL Open-loop voltage gain VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V, RL = 10 kΩ 100 115 dB VS = 2.5 V, (V–) + 0.04 V < VO < (V+) – 0.04 V, RL = 10 kΩ 98 dB VS = 2.5 V, (V–) + 0.1 V < VO < (V+) – 0.1 V, RL = 2 kΩ 112 dB VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V, RL = 2 kΩ 128 dB FREQUENCY RESPONSE GBW Gain-bandwidth product Vs = 5 V 1 MHz φm Phase margin VS = 5.5 V, G = 1 76 degrees SR Slew rate Vs = 5 V 1.7 V/µs tS Settling time To 0.1%, VS = 5 V, 2-V Step , G = +1, CL = 100 pF 3 μs To 0.01%, VS = 5 V, 2-V Step , G = +1, CL = 100 pF 4 μs tOR Overload recovery time VS = 5 V, VIN × gain > VS 0.9 μs THD+N Total harmonic distortion + noise VS = 5.5 V, VCM = 2.5 V, VO = 1 VRMS, G = +1, f = 1 kHz, 80 kHz measurement BW 0.005 % OUTPUT VO Voltage output swing from supply rails VS = 5.5 V, RL = 10 kΩ 20 50 mV VS = 5.5 V, RL = 2 kΩ 40 75 mV ISC Short-circuit current Vs = 5.5 V ±40 mA ZO Open-loop output impedance Vs = 5 V, f = 1 MHz 1200 Ω POWER SUPPLY VS Specified voltage range 2.5 (±1.25) 5.5 (±2.75) V IQ Quiescent current per amplifier IO = 0 mA, VS = 5.5 V 80 125 µA IO = 0 mA, VS = 5.5 V, TA = –40°C to 125°C 150 µA Power-on time VS = 0 V to 5 V, to 90% IQ level 50 µs |
Número de pieza similar - LMV358AIDR |
|
Descripción similar - LMV358AIDR |