Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZNUD3124DMT1G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza SZNUD3124DMT1G
Descripción Electrónicos  Automotive Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUD3124DMT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SZNUD3124DMT1G Datasheet HTML 2Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 3Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 4Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 5Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 6Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 7Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 8Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 9Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NUD3124, SZNUD3124
www.onsemi.com
6
Figure 4. Load Dump Capability versus
Relay’s Coil dc Resistance
RELAY’S COIL (W)
350
260
230
200
170
140
110
80
40
60
80
100
120
140
Figure 5. Drain−to−Source Leakage versus
Junction Temperature
Figure 6. Gate−to−Source Leakage versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
75
50
25
0
−25
−50
0
2
4
6
8
10
14
100
50
25
0
−25
−50
20
30
40
50
60
70
80
Figure 7. Breakdown Voltage versus Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
50
0
−25
−50
33.6
33.8
34.0
34.4
34.6
34.8
320
290
125
100
75
125
VGS = 5 V
VGS = 3 V
25
100
75
34.2
33.4
ID = 10 mA
Figure 8. Output Characteristics
VDS = 28 V
Figure 9. Transfer Function
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0.7
0.5
0.4
0.3
0.2
0.0
1E−10
1E−08
1E−06
1E−04
0.01
1
0.1
0.6
0.8
VGS = 5 V
VGS = 3 V
12
VGS = 2 V
VGS = 2.5 V
VGS = 1 V
VGS, GATE−TO−SOURCE VOLTAGE (V)
4.5
3.0
2.5
2.0
1.5
0.5
1E−07
1E−05
1E−06
1E−04
0.1
1
1.0
4.0
5.0
125 °C
3.5
0.001
0.01
85 °C
25 °C
−40 °C
VDS = 0.8 V


Número de pieza similar - SZNUD3124DMT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
More results

Descripción similar - SZNUD3124DMT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160_16 Datasheet
157Kb / 10P
   Industrial Inductive Load Driver
October, 2016 ??Rev. 7
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com