Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XZMOK53W-8ST Datasheet(PDF) 2 Page - SunLED Corporation

No. de pieza XZMOK53W-8ST
Descripción Electrónicos  1.6 x 0.8 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNLED [SunLED Corporation]
Página de inicio  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMOK53W-8ST Datasheet(HTML) 2 Page - SunLED Corporation

  XZMOK53W-8ST Datasheet HTML 1Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 2Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 3Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number: XZMOK53W-8ST
1.6 x 0.8 mm SMD Chip LED Lamp
Jun 01,2017
XDSB8566 V1-X Layout: Maggie L.
P. 2/4
Orang
LED is recommended for reflow soldering and
soldering profile is shown below.
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Orange
Wavelength (nm)
Relative Intensity Vs. CIE Wavelength


Número de pieza similar - XZMOK53W-8ST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SunLED Corporation
XZMOK53W-8 SUNLED-XZMOK53W-8 Datasheet
258Kb / 4P
   Long life and robust package
More results

Descripción similar - XZMOK53W-8ST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
APHD1608LSYCK KINGBRIGHT-APHD1608LSYCK Datasheet
306Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LVBC-D KINGBRIGHT-APHD1608LVBC-D Datasheet
305Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LZGCK KINGBRIGHT-APHD1608LZGCK Datasheet
303Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SYCK-AMT KINGBRIGHT-APT1608SYCK-AMT Datasheet
327Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608PGW KINGBRIGHT-APT1608PGW Datasheet
265Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPT-1608SURCK TO-GRACE-KPT-1608SURCK Datasheet
879Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KP-1608SURCK TO-GRACE-KP-1608SURCK Datasheet
846Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SECK-J3-PRV TO-GRACE-APT1608SECK-J3-PRV Datasheet
817Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SURCK-AMT TO-GRACE-APT1608SURCK-AMT Datasheet
989Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPHM-1608VBC-D TO-GRACE-KPHM-1608VBC-D Datasheet
860Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPHM-1608SYCK TO-GRACE-KPHM-1608SYCK Datasheet
847Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com