Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB-W51M Datasheet(PDF) 10 Page - OSRAM GmbH

No. de pieza LB-W51M
Descripción Electrónicos  white SMD package, colorless clear silicone resin with ARGUS짰 optic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-W51M Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB-W51M Datasheet HTML 6Page - OSRAM GmbH LB-W51M Datasheet HTML 7Page - OSRAM GmbH LB-W51M Datasheet HTML 8Page - OSRAM GmbH LB-W51M Datasheet HTML 9Page - OSRAM GmbH LB-W51M Datasheet HTML 10Page - OSRAM GmbH LB-W51M Datasheet HTML 11Page - OSRAM GmbH LB-W51M Datasheet HTML 12Page - OSRAM GmbH LB-W51M Datasheet HTML 13Page - OSRAM GmbH LB-W51M Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Vorläufige Daten / Preliminary Data
LB W51M, LD W51M, LT W51M
2009-06-16
10
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
deep blue
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
true green
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
blue
,
λ
dom = f (IF); TA = 25 °C
I
OHL02674
450
dom
λ
0
mA
nm
F
200
400
600
800
1000
452.5
455
457.5
460
462.5
I
OHL02557
515
dom
λ
0
mA
nm
520
525
530
535
540
545
550
F
200
400
600
800
1000
I
OHL02558
465
dom
λ
0
mA
nm
F
200
400
600
800
1000
467.5
470
472.5
475
477.5


Número de pieza similar - LB-W51M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LB-W5AM OSRAM-LB-W5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
   white SMD package, colorless clear silicone resin
LB-W5SM OSRAM-LB-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LB-W5SN OSRAM-LB-W5SN Datasheet
679Kb / 20P
   white SMD package, colorless clear silicone resin
More results

Descripción similar - LB-W51M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LDW51M OSRAM-LDW51M Datasheet
283Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LD-W5KM OSRAM-LD-W5KM Datasheet
617Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LR-W5KM OSRAM-LR-W5KM Datasheet
299Kb / 15P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LDW5KM OSRAM-LDW5KM Datasheet
617Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LRW5KM OSRAM-LRW5KM Datasheet
299Kb / 15P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LUWW5KM OSRAM-LUWW5KM Datasheet
315Kb / 17P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
LUW-W5KM OSRAM-LUW-W5KM Datasheet
315Kb / 17P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
LCWW5KM OSRAM-LCWW5KM Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
LCW-W5KM OSRAM-LCW-W5KM Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
LRW51M OSRAM-LRW51M Datasheet
400Kb / 15P
   white SMD package, colorless clear silicone resin with optic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com