Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MDA4-752H Datasheet(Hoja de datos) 3 Page - Mini-Circuits

No. de Pieza. MDA4-752H
Descripción  Wideband Double Balanced Mixer-Amplifier
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

   
 3 page
background image
MMIC Wideband Frequency Mixer-Amplifier
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings3
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Mixer
RF-IN
21 dBm
LO-IN
21 dBm
IF Current
30 mA
IF Amplifier - IN
+23 dBm (5 minutes max.)
+17 dBm (continuous)
LO Amplifier - IN
+24 dBm
Power Dissipation
LO Amplifier
0.725W
IF Amplifier
0.47W
DC voltable
5.5V
3. Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
MDA4-752H+
(1) Measured on Mini-Circuits Characterization test board TB-771+ as down converter. See Characterization Test Circuit Figure 1
(2) Thermal Resistance= (Temperature rise of the dive hot spot above ground lead ÷ Total power dissipation)
Electrical Specifications1,2 at 25°C, unless noted
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
RF Frequency Range
2.2
7.5
GHz
LO Frequency Range
2.2
7.5
GHz
IF Frequency Range
0.03
1.6
GHz
LO Power
0
dBm
Conversion Gain (at IF=30 MHz)
2.2
7.6
dB
3.0
9.7
4.0
8.1
9.1
10.4
5.0
7.6
6.0
7.3
7.5
4.2
LO-RF Isolation
2.2
23
dB
3.0
20
4.0
24
31
5.0
25
6.0
21
7.5
23
LO-IF Isolation
2.2
19
dB
3.0
35
4.0
53
61
5.0
64
6.0
59
7.5
60
RF-IF Isolation
2.2
7
dB
3.0
25
4.0
51
5.0
65
6.0
57
7.5
54
Input at 1dB Compression
2-2 - 7.5
9
dBm
Input IP3
2.2
16
dBm
3.0
15
4.0
15
5.0
16
6.0
16
7.5
19
Noise Figure
2.3
8.6
dB
3.0
9.6
4.0
9.9
Thermal Resistance
(junction-to-ground lead)
39
°C/W
DC Voltage
5
V
DC Current
141
169
mA




Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl