Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM4636 Datasheet(PDF) 29 Page - Linear Technology

No. de pieza LTM4636
Descripción Electrónicos  40A DC/DC 關Module Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM4636 Datasheet HTML 25Page - Linear Technology LTM4636 Datasheet HTML 26Page - Linear Technology LTM4636 Datasheet HTML 27Page - Linear Technology LTM4636 Datasheet HTML 28Page - Linear Technology LTM4636 Datasheet HTML 29Page - Linear Technology LTM4636 Datasheet HTML 30Page - Linear Technology LTM4636 Datasheet HTML 31Page - Linear Technology LTM4636 Datasheet HTML 32Page - Linear Technology LTM4636 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTM4636
29
4636f
For more information www.linear.com/LTM4636
Typical applicaTions
Figure 22. 3-Phase 0.9V at 120A with Protection
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
FREQ
MODE/PLLIN
CLKOUT
TMON
SW
VOUT
TEMP+ TEMPSNSP1 SNSP2 SGND
VIN
34.8k
22µF
VOLTAGE OUT
TEMP MONITOR
22µF
16V
×3
7V TO 12V
INTVCC1
RUNC
RUNP
CLK
COMP
TK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC1
5V PVCC1
U1
LTM4636
PVCC
PGND
VFB
VFB
470µF
6.3V
+
470µF
6.3V
+
100µF
25V
100µF
6.3V
×3
VOUTS1–
VOUTS1–
2.2, 0805
2200pF
4.99k
0.47µF
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
FREQ
MODE/PLLIN
CLKOUT
TMON
SW
VOUTS1+
VOUT
TEMP+ TEMPSNSP1 SNSP2 SGND
VIN
0.9V AT 120A
CLK
CLK1
INTVCC2
22µF
VOLTAGE OUT TEMP MONITOR
34.8k
CSS
0.22µF
22µF
16V
×3
COMP
TK/SS
RUNC
RUNP
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC2
5V PVCC2
U2
LTM4636
PVCC
PGND
VOUTS1–
VFB
VFB
4636 F22
470µF
6.3V
+
470µF
6.3V
RFB3
10k
100µF
6.3V
×3
100µF
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
FREQ
MODE/PLLIN
TMON
SW
VOUT
TEMP+ TEMPSNSP1 SNSP2 SGND
VIN
34.8k
22µF
VOLTAGE OUT
TEMP MONITOR
22µF
16V
×3
INTVCC3
RUNC
RUNP
CLK1
COMP
TK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC3
5V PVCC3
U3
LTM4636
PVCC
PGND
VFB
VFB
470µF
6.3V
+
470µF
6.3V
+
100µF
25V
100µF
6.3V
×3
VOUTS1–
VOUTS1–
PINS NOT USED IN CIRCUIT LTM4636 U1:
GMON, PGOOD, PHMODE, PWM, TEST1,
TEST2, TEST3, TEST4, VOUTS1
PINS NOT USED IN CIRCUIT LTM4636 U2:
GMON, PGOOD, PHMODE, PWM, TEST1,
TEST2, TEST3, TEST4
PINS NOT USED IN CIRCUIT LTM4636 U3:
GMON, PGOOD, PHMODE, PWM, TEST1,
TEST2, TEST3, TEST4, VOUTS1, CLKOUT
2.2, 0805
2200pF
2.2, 0805
2200pF
SGND
SGND
SGND
SGND
SGND
SGND
SGND
100pF


Número de pieza similar - LTM4636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4636 LINER-LTM4636 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM4636 LINER-LTM4636 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
More results

Descripción similar - LTM4636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
   15A DC/DC 關Module Regulator
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Linear Technology
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
   Ultralow VIN, 15A DC/DC 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_10 Datasheet
310Kb / 3P
   40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com