Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM4676A Datasheet(PDF) 86 Page - Linear Technology

No. de pieza LTM4676A
Descripción Electrónicos  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Datasheet(HTML) 86 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 82Page - Linear Technology LTM4676A Datasheet HTML 83Page - Linear Technology LTM4676A Datasheet HTML 84Page - Linear Technology LTM4676A Datasheet HTML 85Page - Linear Technology LTM4676A Datasheet HTML 86Page - Linear Technology LTM4676A Datasheet HTML 87Page - Linear Technology LTM4676A Datasheet HTML 88Page - Linear Technology LTM4676A Datasheet HTML 89Page - Linear Technology LTM4676A Datasheet HTML 90Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 136 page
background image
LTM4676A
86
4676afa
For more information www.linear.com/LTM4676A
appenDix c: pMbus coMManD DeTails
ADDRESSING AND WRITE PROTECT
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PAGE
0x00 Channel (page) presently selected for any
paged command.
R/W Byte
N
Reg
0x00
PAGE_PLUS_WRITE
0x05 Write a command directly to a specified page. W Block
N
PAGE_PLUS_READ
0x06 Read a command directly from a specified
page.
Block R/W
Process
N
WRITE_PROTECT
0x10 Protect the device against unintended PMBus
modifications.
R/W Byte
N
Reg
Y
0x00
MFR_ADDRESS
0xE6 Specify right-justified 7-bit device address.
R/W Byte
N
Reg
Y
0x4F
MFR_RAIL_ADDRESS
0xFA Specify unique right-justified 7-bit address
for channels comprising a PolyPhase output.
R/W Byte
Y
Reg
Y
0x80
Related commands: MFR_COMMON.
PAGE
The PAGE command provides the ability to configure, control and monitor both PWM channels through only one
physical address, either the MFR_ADDRESS or GLOBAL device address. Each PAGE contains the operating memory
for one PWM channel.
Pages 0x00 and 0x01 correspond to channel 0 and channel 1, respectively, in this device.
Setting PAGE to 0xFF applies any following paged commands to both outputs. With PAGE set to 0xFF the LTM4676A
will respond to read commands as if PAGE were set to 0x00 (channel 0 results).
This command has one data byte.
PAGE_PLUS_WRITE
The PAGE_PLUS_WRITE command provides a way to set the page within a device, send a command and then send
the data for the command, all in one communication packet. Commands allowed by the present write protection level
may be sent with PAGE_PLUS_WRITE.
The value stored in the PAGE command is not affected by PAGE_PLUS_WRITE. If PAGE_PLUS_WRITE is used to send
a non-paged command, the Page Number byte is ignored.
This command uses Write Block protocol. An example of the PAGE_PLUS_WRITE command with PEC sending a com-
mand that has two data bytes is shown in Figure 63.
SLAVE
ADDRESS
PAGE_PLUS
COMMAND CODE
BLOCK COUNT
(= 4)
W A
A
S
7
8
8
1
PAGE
NUMBER
8
1
1 1
1
1
A
A
COMMAND
CODE
8
1
A
UPPER DATA
BYTE
A
A P
4676A F57
A
8
8
1
1 1
1
PEC BYTE
LOWER DATA
BYTE
8
Figure 63. Example of PAGE_PLUS_WRITE


Número de pieza similar - LTM4676A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Descripción similar - LTM4676A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com