Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8003 Datasheet(PDF) 25 Page - Linear Technology

No. de pieza LTM8003
Descripción Electrónicos  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 21Page - Linear Technology LTM8003 Datasheet HTML 22Page - Linear Technology LTM8003 Datasheet HTML 23Page - Linear Technology LTM8003 Datasheet HTML 24Page - Linear Technology LTM8003 Datasheet HTML 25Page - Linear Technology LTM8003 Datasheet HTML 26Page - Linear Technology LTM8003 Datasheet HTML 27Page - Linear Technology LTM8003 Datasheet HTML 28Page - Linear Technology LTM8003 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTM8003
25
8003fc
For more information www.linear.com/LTM8003
Fault Tolerance
The fixed output version of LTM8003 is designed to tol-
erate a single fault condition. Shorting two adjacent pins
together or leaving one single pin floating does not raise
VOUTorcausedamagetotheLTM8003µModuleregulator.
Table 2 describe the effects that result from shorting ad-
jacent pins. Note that, since all pins are redundant, there
is no analysis describing what happens when a single pin
opens. The NC pins must be left floating to ensure fault
tolerance.
Table 3. Table 2. FMEA Analysis — Adjacent Pin Short Test
PIN NAME
HEAT
SMOKE
EFFECT
VIN–NC
NO
NO
Circuit behaves normally.
VIN–RUN
NO
NO
Circuit behaves normally.
RUN–NC
NO
NO
Circuit behaves normally.
RUN–RT
NO
NO
VOUT falls to 0V. Device can be damaged if EN/UV voltage is higher than RT ABS MAX.
RUN–GND
NO
NO
Vout falls to 0V.
RT–GND
NO
NO
SW frequency increases. VOUT may fall below regulation voltage.
RT–GND BANK1
NO
NO
SW frequency increases. VOUT may fall below regulation voltage.
RT–TRSS
NO
NO
VOUT will fall below regulation voltage.
TR/SS–SYNC
NO
NO
VOUT will fall below regulation voltage.
TR/SS–GND BANK1
NO
NO
VOUT will fall below regulation voltage.
SYNC–GND
NO
NO
Circuit behaves normally.
SYNC–PG
NO
NO
Circuit behaves normally.
SYNC–GND BANK1
NO
NO
Circuit behaves normally.
BIAS–GND BANK1
NO
NO
Efficiency may decrease.
BIAS–VOUT BANK3
NO
NO
Efficiency may decrease. If BIAS is tied to a voltage source > VOUT, VOUT may rise.
If BIAS is tied to a votlage source < VOUT, VOUT may be reduced.
VOUT BANK3–GND BANK1
NO
NO
VOUT will fall to 0V.


Número de pieza similar - LTM8003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8003 AD-LTM8003 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
More results

Descripción similar - LTM8003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
   65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
LT8641A AD-LT8641A Datasheet
860Kb / 35P
   65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com