Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8046 Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LTM8046
Descripción Electrónicos  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology LTM8046 Datasheet HTML 10Page - Linear Technology LTM8046 Datasheet HTML 11Page - Linear Technology LTM8046 Datasheet HTML 12Page - Linear Technology LTM8046 Datasheet HTML 13Page - Linear Technology LTM8046 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM8046
10
8046fb
For more information www.linear.com/LTM8046
applicaTions inForMaTion
For most applications, the design process is straight-
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT and RFB.
3. Connect BIAS as indicated, or tie to an external source
up to 15V or VIN, whichever is less.
Whilethesecomponentcombinationshavebeentestedfor
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current may be limited by junction temperature,
the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer
to the graphs in the Typical Performance Characteristics
section for guidance.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8046. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit. If
the LTM8046 circuit is plugged into a live supply, the input
voltage can ring to much higher than its nominal value,
possibly exceeding the device’s rating. This situation is
easily avoided; see the Hot-Plugging Safely section.
Table 1. Recommended Components and Configuration (TA = 25°C)
VIN
VOUT
CIN
COUT
RFB
3.2V to 32V
1.8V
1µF, 50V, 0805 X5R
2
× 100µF, 6.3V, 1206 X5R
18.7k
3.2V to 31V
2.5V
1µF, 50V, 0805 X5R
2
× 100µF, 6.3V, 1206 X5R
14.7k
3.2V to 29V
3.3V
1µF, 50V, 0805 X5R
100µF, 6.3V, 1206 X5R
11.8k
3.2V to 26V
5V
1µF, 25V, 0603 X5R
100µF, 6.3V, 1206 X5R
8.45k
3.2V to 20V
8V
1µF, 25V, 0603 X5R
47µF, 10V, 1206 X5R
5.49k
3.2V to 12V
12V
1µF, 25V, 0603 X5R
2
× 10µF, 16V, 1210 X5R
3.83k
3.2V to 25V
2.5V
1µF, 25V, 0603 X5R
2
× 100µF, 6.3V, 1206 X5R
14.7k
3.2V to 25V
3.3V
1µF, 25V, 0603 X5R
100µF, 6.3V, 1206 X5R
11.8k
CBIAS = 1µF 10V 0402 X5R
BIAS = 3.3V for VIN ≥ 3.3V, VIN for VIN < 3.3V. If BIAS = VIN, the minimum input voltage is 4.3V.


Número de pieza similar - LTM8046

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Integrated Syste...
LTM8046 LINEAR-LTM8046 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8046 LINER-LTM8046 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8046 LINER-LTM8046 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
LTM8046 LINER-LTM8046 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
   Isolated DC/DC Module Converter
More results

Descripción similar - LTM8046

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
   3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
   3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
   Isolated DC/DC Module Converter
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
   Isolated DC/DC Converter Module
logo
Bellnix Co.,Ltd.
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com