Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8056 Datasheet(PDF) 14 Page - Linear Technology

No. de pieza LTM8056
Descripción Electrónicos  58VIN, 48VOUT Buck-Boost 關Module Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM8056 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8056 Datasheet HTML 10Page - Linear Technology LTM8056 Datasheet HTML 11Page - Linear Technology LTM8056 Datasheet HTML 12Page - Linear Technology LTM8056 Datasheet HTML 13Page - Linear Technology LTM8056 Datasheet HTML 14Page - Linear Technology LTM8056 Datasheet HTML 15Page - Linear Technology LTM8056 Datasheet HTML 16Page - Linear Technology LTM8056 Datasheet HTML 17Page - Linear Technology LTM8056 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM8056
14
8056fa
For more information www.linear.com/LTM8056
above information and the circuit shown in Figure 2, the
VIN rising (turn-on) threshold is:
VIN = 3µA •R1
(
)+1.225V
R1+R2
R2
and the VIN falling turn-off threshold is:
VIN =1.2
R1+R2
R2
when the voltage VOUT-IOUT reaches 58mV. The current
limit is:
IOUT(LIM) =
58mV
RSENSE
where RSENSE is the value of the sense resistor in ohms.
Most applications should use an output sense resistor as
shown in Figure 3, if practical. The internal buck-boost
power stage is current limited, but is nonetheless capable
of delivering large amounts of current in an overload
condition, especially when the output voltage is much
lower than the input and the power stage is operating as
a buck converter.
APPLICATIONS INFORMATION
RUN
LTM8056
VIN
R1
R2
8056 F02
Figure 2. This Simple Resistor Network Sets the Minimum
Operating Input Voltage Threshold with Hysteresis
IOUT
LTM8056
VOUT
RSENSE
8056 F03
LOAD
Figure 3. Set The LTM8056 Output Current Limit with an
External Sense Resistor
Minimum Input Voltage and SVIN
The minimum input voltage of the LTM8056 is 5V, but this
is only if VIN and SVIN are tied to the same voltage source.
If SVIN is powered from a power source at or above 5VDC,
VIN can be allowed to fall below 5V and the LTM8056 can
still operate properly. Some examples of this are provided
in the Typical Applications section.
Soft-Start
Soft-startreducestheinputpowersources’surgecurrents
bygraduallyincreasingthecontroller’scurrent.Asindicated
in the Block Diagram, the LTM8056 has an internal soft-
start RC network. Depending upon the load and operating
conditions, the internal network may be sufficient for the
application. To increase the soft-start time, simply add a
capacitor from SS to GND.
Output Current Limit (IOUT)
The LTM8056 features an accurate average output current
limit set by an external sense resistor placed between VOUT
and IOUT as shown in Figure 3. VOUT and IOUT internally
connect to a differential amplifier that limits the current
When the voltage across the output sense resistor falls
to about 1/10th of full scale, the LL pin pulls low. If there
is no output sense resistor, and IOUT is tied to VOUT, LL
will be active low. Applying an output sense resistor and
tying the LL and MODE pins together can improve perfor-
mance—see Switching Mode in this section.
In high step-down voltage regulator applications, the
internal current limit can be quite high to allow proper
operation. This can potentially damage the LTM8056
in overload or short-circuit conditions. Apply an output
current sense resistor to set an appropriate current limit
to protect the LTM8056 against these fault conditions.
Output Current Limit Control (CTL)
Use the CTL input to reduce the output current limit from
thevaluesetbytheexternalsenseresistorappliedbetween
VOUT and IOUT. The typical control range is between 0V
and 1.2V. The CTL pin does not directly affect the input


Número de pieza similar - LTM8056

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8056 LINER-LTM8056 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTM8056 LINER-LTM8056 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTM8056 AD-LTM8056 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Descripción similar - LTM8056

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM8056 LINER-LTM8056_15 Datasheet
432Kb / 26P
   58VIN, 48VOUT Buck-Boost Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
   Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com