Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZX75HP-73 Datasheet(PDF) 2 Page - Mini-Circuits

No. de pieza ZX75HP-73
Descripción Electrónicos  High Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75HP-73 Datasheet(HTML) 2 Page - Mini-Circuits

  ZX75HP-73 Datasheet HTML 1Page - Mini-Circuits ZX75HP-73 Datasheet HTML 2Page - Mini-Circuits ZX75HP-73 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75HP-73+
Applications
• TV Broadcast
• Point-to-point military radio
• Cordless telephones
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5 W.
Permanent damage may occur if any of these limits are exceeded.
REV.A
M151121
ZX75HP-73+
EDU1687
URJ
150513
Features
• Wide band, 140 MHz to 2000 MHz
• High rejection
• Connectorized package
Typical Frequency Response
Functional Schematic
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω
140 to 2000 MHz
High Pass Filter
F1
F2
FREQUENCY (MHz)
DC
F3
Typical Performance Data at 25°C
0
20
40
60
80
100
120
1
10
100
1000
10000
FREQUENCY (MHz)
ZX75HP-73+
INSERTION LOSS
0.1
0.2
0.3
0.4
0.5
140 605 1070 1535 2000
1
10
100
1000
10000
1
10
100
1000
10000
FREQUENCY (MHz)
ZX75HP-73+
VSWR
1.0
1.1
1.2
1.3
1.4
140 605 1070 1535 2000
0
20
40
60
80
100
120
10
100
1000
10000
FREQUENCY (MHz)
ZX75HP-73+
INSERTION LOSS
1
10
100
1000
10000
10
100
1000
10000
FREQUENCY (MHz)
ZX75HP-73+
VSWR
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Stop Band
Rejection Loss
DC-F1
DC-53
20
30
-
dB
VSWR
DC-F1
DC-53
-
20
-
:1
Pass Band
Insertion Loss
F2-F3
140-2000
-
0.5
1.2
dB
VSWR
F2-F3
140-2000
-
1.4
-
:1
CASE STYLE: KE1467
Connectors
Model
SMA-M\F
ZX75HP-73-S+
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
1
101.24
1737.18
18
77.76
1737.18
20
80.21
1737.18
34
64.38
289.53
40
52.88
144.77
47
40.49
82.73
53
30.96
51.10
57
24.85
34.75
63
15.80
16.72
69
7.43
5.52
73
3.59
2.34
80
1.55
1.19
105
0.72
1.09
140
0.45
1.19
185
0.30
1.05
470
0.21
1.22
940
0.29
1.33
1480
0.36
1.36
1700
0.39
1.35
2000
0.39
1.29


Número de pieza similar - ZX75HP-73

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
ZX75HP-755 MINI-ZX75HP-755 Datasheet
400Kb / 3P
   High Pass Filter
ZX75HP-755++ MINI-ZX75HP-755+ Datasheet
400Kb / 3P
   High Pass Filter
ZX75HP-755-S++ MINI-ZX75HP-755-S+ Datasheet
400Kb / 3P
   High Pass Filter
More results

Descripción similar - ZX75HP-73

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PCA ELECTRONICS INC.
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
   High Pass Filter
logo
Mini-Circuits
HFCN-650D MINI-HFCN-650D Datasheet
302Kb / 1P
   High Pass Filter
HFCN-5500 MINI-HFCN-5500 Datasheet
311Kb / 1P
   High Pass Filter
RHP-122 MINI-RHP-122 Datasheet
452Kb / 1P
   High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
   High Pass Filter
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
   High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
   High Pass Filter
ZX75HP-180 MINI-ZX75HP-180 Datasheet
432Kb / 3P
   High Pass Filter
ZHSS-8G MINI-ZHSS-8G Datasheet
487Kb / 3P
   High Pass Filter
THP-1050 MINI-THP-1050 Datasheet
486Kb / 3P
   High Pass Filter
VHF-3100 MINI-VHF-3100 Datasheet
238Kb / 1P
   High Pass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com