Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LT-G6SP Datasheet(PDF) 8 Page - OSRAM GmbH

No. de pieza LT-G6SP
Descripción Electrónicos  white SMT package, colorless clear silicone resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-G6SP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LT-G6SP Datasheet HTML 4Page - OSRAM GmbH LT-G6SP Datasheet HTML 5Page - OSRAM GmbH LT-G6SP Datasheet HTML 6Page - OSRAM GmbH LT-G6SP Datasheet HTML 7Page - OSRAM GmbH LT-G6SP Datasheet HTML 8Page - OSRAM GmbH LT-G6SP Datasheet HTML 9Page - OSRAM GmbH LT-G6SP Datasheet HTML 10Page - OSRAM GmbH LT-G6SP Datasheet HTML 11Page - OSRAM GmbH LT-G6SP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2015-03-04
8
Version 1.2
LT G6SP
Relative Spectral Emission - V(λ) = Standard eye response curve 5) page 21
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 5) Seite 21
Irel = f (λ); TS = 25 °C; IF = 140 mA
Radiation Characteristics 5) page 21
Abstrahlcharakteristik 5) Seite 21
Irel = f (ϕ); TS = 25 °C
LT G6SP
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: Vλ
: true green
LT G6SP
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel


Número de pieza similar - LT-G6SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LT-0600L ETC1-LT-0600L Datasheet
20Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
LT-0603D ETC1-LT-0603D Datasheet
22Kb / 1P
   DATA NETWORK TRANSFORMERS
logo
Laird Tech Smart Techno...
LT-100 LSTD-LT-100 Datasheet
458Kb / 2P
   Real-Time vehicle tracking and monitoring
logo
RAYEX ELECTRONICS CO., ...
LT-12G RAYEX-LT-12G Datasheet
547Kb / 2P
   LT SERIES
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
   LT SERIES
More results

Descripción similar - LT-G6SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LB-P4SG OSRAM-LB-P4SG Datasheet
639Kb / 22P
   white SMT package, colorless clear silicone resin
LCW-G6CP OSRAM-LCW-G6CP Datasheet
805Kb / 28P
   white SMT package, colorless clear silicone resin
LB-A6SG OSRAM-LB-A6SG Datasheet
269Kb / 16P
   white SMT package, colorless clear silicone resin
LR-G6SP OSRAM-LR-G6SP Datasheet
958Kb / 21P
   white SMT package, colorless clear silicone resin
LT-P4SG OSRAM-LT-P4SG Datasheet
597Kb / 22P
   white SMT package, colorless clear silicone resin
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
   white SMT package, colorless clear silicone resin
LS-G6SP OSRAM-LS-G6SP Datasheet
958Kb / 21P
   white SMT package, colorless clear silicone resin
LW-G6CP OSRAM-LW-G6CP Datasheet
674Kb / 23P
   white SMT package, colorless clear silicone resin
LUW-GVCP OSRAM-LUW-GVCP Datasheet
670Kb / 22P
   white SMT package, colorless clear silicone resin
LY-G6SP OSRAM-LY-G6SP Datasheet
611Kb / 21P
   white SMT package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com