Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AUIRS1170S Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza AUIRS1170S
Descripción Electrónicos  automotive qualified smart secondary-side driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRS1170S Datasheet(HTML) 2 Page - Infineon Technologies AG

  AUIRS1170S Datasheet HTML 1Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 2Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 3Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 4Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 5Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 6Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 7Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 8Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AUIRS1170S
2
Rev. 2.3
2016-09-03
Description
AUIRS1170S is an automotive qualified smart secondary-side driver IC designed to drive N-Channel power
MOSFETs used as synchronous rectifiers in isolated Resonant, Flyback and Forward converters. The IC can
control one or more paralleled Nch-MOSFETs to emulate the behavior of Schottky diode rectifiers.
The AUIRS1170S works in both DCM and CCM operation modes. The SYNC pin should be used in CCM mode
to directly turn-off the MOSFET by a signal from secondary or primary controller. The IC is designed to use simple
capacitor coupling interface with primary controller. In addition to the SYNC control, the drain to source voltage is
sensed differentially to determine the polarity of the current and turn the power switch on and off in proximity of
the zero current transition. Ruggedness and noise immunity are accomplished using an advanced blanking
scheme and double-pulse suppression which allow reliable operation in all operating modes.
The AUIRS1170S is intended for automotive systems that must meet ASIL requirements. In safety critical
applications power devices protection and their status monitoring is an important safety requirement which is
currently addressed with discrete circuitry. The AUIRS1170S includes specific features that simplify and
complement a proper system design, allowing users to achieve up to ASIL-D system rating.


Número de pieza similar - AUIRS1170S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
AUIRS2003S IRF-AUIRS2003S Datasheet
338Kb / 15P
   HALF-BRIDGE DRIVER
AUIRS2003S IRF-AUIRS2003S Datasheet
395Kb / 14P
   Floating channel designed for bootstrap operation
AUIRS2003S IRF-AUIRS2003S_15 Datasheet
395Kb / 14P
   Floating channel designed for bootstrap operation
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Floating channel designed for bootstrap operation
More results

Descripción similar - AUIRS1170S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
   Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
logo
Sanken electric
SUK3015 SANKEN-SUK3015 Datasheet
355Kb / 10P
   Automotive Qualified
SPF0004 SANKEN-SPF0004 Datasheet
376Kb / 11P
   Automotive Qualified
logo
Texas Instruments
BQ25071-Q1 TI1-BQ25071-Q1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com