Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS7020-2EPA Datasheet(PDF) 25 Page - Infineon Technologies AG

No. de pieza BTS7020-2EPA
Descripción Electrónicos  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button BTS7020-2EPA Datasheet HTML 21Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 22Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 23Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 24Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 25Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 26Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 27Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 28Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
Data Sheet
25
Rev. 1.00
2017-08-24
BTS7020-2EPA
PROFETTM+2
Power Stages
Note:
No protection mechanism like Overtemperature or Overload protection is active during applied
Inverse Currents.
7.3.2
Switching Channels in Parallel
In case of appearance of a short circuit with connected in parallel to drive a single load, it may happen that the
two channels switch OFF asynchronously, therefore bringing an additional thermal stress to the channel that
switches OFF last. For this reason it is not recommended to use the device with channels in parallel.
7.3.3
Cross Current robustness with H-Bridge configuration
When BTS7020-2EPA is used as high-side switch e.g. in a bridge configuration (therefore paired with a low-side
switch as shown in Figure 21), the maximum slew rate applied to the output by the low-side switch must be
lower than | dVOUT / dt |. Otherwise the output stage may turn ON in linear mode (not in RDS(ON)) while the low-
side switch is commutating. This creates an unprotected over heating situation for the DMOS due to the cross-
conduction current.
Figure 21 High-Side switch used in Bridge configuration
IN0
IN1
OUT0
OUT1
VS
PowerStage_PassiveSlew_PROFET.emf
T
T
VBAT
R/L cable
M
ON (DC)
OFF
ON (PWM)
OFF
Current through Motor
Cross
Current
| dVOUT / dt |


Número de pieza similar - BTS7020-2EPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Descripción similar - BTS7020-2EPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com