Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3213 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza FAN3213
Descripción Electrónicos  Dual-4 A, High-Speed, Low-Side Gate Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3213 Datasheet(HTML) 5 Page - ON Semiconductor

  FAN3213 Datasheet HTML 1Page - ON Semiconductor FAN3213 Datasheet HTML 2Page - ON Semiconductor FAN3213 Datasheet HTML 3Page - ON Semiconductor FAN3213 Datasheet HTML 4Page - ON Semiconductor FAN3213 Datasheet HTML 5Page - ON Semiconductor FAN3213 Datasheet HTML 6Page - ON Semiconductor FAN3213 Datasheet HTML 7Page - ON Semiconductor FAN3213 Datasheet HTML 8Page - ON Semiconductor FAN3213 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.onsemi.com
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to PGND
-0.3
20.0
V
VIN
INA and INB to GND
GND - 0.3
VDD + 0.3
V
VOUT
OUTA and OUTB to GND
GND - 0.3
VDD + 0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
-55
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet spec ifications. ON Semiconductor
does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
VIN
Input Voltage INA and INB
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
ºC


Número de pieza similar - FAN3213

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Descripción similar - FAN3213

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com