Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IS452 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza IS452
Descripción Electrónicos  HIGH DENSITY MOUNTING HIGH VOLTAGE DARLINGTON OPTICALLY COUPLED ISOLATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

IS452 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IS452 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS452 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS452 Datasheet HTML 3Page - List of Unclassifed Manufacturers IS452 Datasheet HTML 4Page - List of Unclassifed Manufacturers IS452 Datasheet HTML 5Page - List of Unclassifed Manufacturers IS452 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12/07/01
Appendix to Mini Flat Pack FPH-AAS/A1
CHARACTERISTIC CURVES
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Temperature
Fig.10 Response Time vs. Load
vs. Ambient Temperature
0
10
1
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
100
1.0
1
0.1
1000
O
O
Resistance
-25
0
Frequency f (kHz)
500
Fig.11 Frequency Response
80
60
40
20
0.8
0.6
0.4
0.2
-5
-10
-15
-20
100
10
1
0.1
VCE= 2V
IC= 20mA
Ta= 25 C
RL= 1k
100
10
2
5
10
20
50
100
200
500
Load resistance RL (k )
VCE= 2V
IC= 20mA
Ta= 25 C
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Output
Vcc
Ambient temperature Ta ( C)
100
80
60
40
20
O
1
1000
100
tr
tf
td
ts
20
1.0
100
40
60
80
0.8
0.6
0.4
0.2
1.2
RD
RL
RL
RD
IF= 1mA
VCE= 2V
10
VCE= 200V
IF= 20mA
IC= 100mA
O
O
1.2


Número de pieza similar - IS452

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ISOCOM COMPONENTS
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
   Computer terminals
More results

Descripción similar - IS452

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ISOCOM COMPONENTS
IS127 ISOCOM-IS127 Datasheet
58Kb / 2P
   HIGH DENSITY MOUNTING HIGH VOLTAGE DARLINGTON OPTICALLY COUPLED ISOLATORS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PS2502-1X ISOCOM-PS2502-1X Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP521GB ETC-TLP521GB Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP815X ISOCOM-ISP815X Datasheet
69Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
TLP521GB ISOCOM-TLP521GB Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL197 ETC-TIL197 Datasheet
67Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com