Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH-4680 Datasheet(PDF) 3 Page - OSRAM GmbH

No. de pieza SFH-4680
Descripción Electrónicos  Narrow beam LED in MIDLED package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4680 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4680 Datasheet HTML 1Page - OSRAM GmbH SFH-4680 Datasheet HTML 2Page - OSRAM GmbH SFH-4680 Datasheet HTML 3Page - OSRAM GmbH SFH-4680 Datasheet HTML 4Page - OSRAM GmbH SFH-4680 Datasheet HTML 5Page - OSRAM GmbH SFH-4680 Datasheet HTML 6Page - OSRAM GmbH SFH-4680 Datasheet HTML 7Page - OSRAM GmbH SFH-4680 Datasheet HTML 8Page - OSRAM GmbH SFH-4680 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Discontinued
SFH 4680
2009-03-19
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 100 mA, tp = 20 ms)
λpeak
880
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 100 mA, tp = 20 ms)
Δλ
80
nm
Half angle
Halbwinkel
ϕ
± 20
°
Active chip area
Aktive Chipfläche
A0.09
mm2
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.3 x 0.3
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 100 mA, RL = 50 Ω)
tr, tf
500
ns
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
15
pF
Forward voltage
Durchlassspannung
(IF = 100 mA, tp = 20 ms)
VF
1.5 (≤ 1.8)
V
Forward voltage
Durchlassspannung
(IF = 1 A, tp = 100 μs)
VF
3 (≤ 3.8)
V
Reverse current
Sperrstrom
(VR = 5 V)
IR
not designed for
reverse operation
µA
Total radiant flux
Gesamtstrahlungsfluss
(IF= 100 mA, tp= 20 ms)
Φe
23
mW


Número de pieza similar - SFH-4680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH-4685 OSRAM-SFH-4685 Datasheet
314Kb / 13P
   Narrow beam LED in MIDLED package
More results

Descripción similar - SFH-4680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
   Narrow beam LED in MIDLED package
SFH-4641 OSRAM-SFH-4641 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4645 OSRAM-SFH-4645 Datasheet
496Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4651 OSRAM-SFH-4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4655 OSRAM-SFH-4655 Datasheet
465Kb / 13P
   Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com