Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH-7770 Datasheet(PDF) 3 Page - OSRAM GmbH

No. de pieza SFH-7770
Descripción Electrónicos  Umgebungslicht und N채herungssensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7770 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-7770 Datasheet HTML 1Page - OSRAM GmbH SFH-7770 Datasheet HTML 2Page - OSRAM GmbH SFH-7770 Datasheet HTML 3Page - OSRAM GmbH SFH-7770 Datasheet HTML 4Page - OSRAM GmbH SFH-7770 Datasheet HTML 5Page - OSRAM GmbH SFH-7770 Datasheet HTML 6Page - OSRAM GmbH SFH-7770 Datasheet HTML 7Page - OSRAM GmbH SFH-7770 Datasheet HTML 8Page - OSRAM GmbH SFH-7770 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SFH 7770
2011-09-16
3
I
2C interface
• 1.8V IO-logic level for SDA and SCL
• I/O-pins are open drain type and logic high level is set with external pull-up resistor
• SFH 7770 operates always as slave, address is 0x38.
• Designed for the I
2C-modes: Standard (100kHz), Fast (400kHz) and High Speed (3.4MHz)
• Combined format (see I
2C Bus specification UM10204 from NXP) for data reading
• Block READ and WRITE modes are available. In these modes several registers can be read or written
during single I
2C traffic period. The register values are provided in a cyclic manner until master sends
the stop condition. E.g. if master uses block read and starts from register 0x8C, the slave returns
following register values: 0x8C, 0x8D, 0x8E, 0x8F, 0x90, 0x91, 0x92, 0x93, 0x94 and so on until the
master sends stop condition.
• Interrupt pin (INT): open-drain output (like SDA and SCL)
Analog / amplifier
digital
+
data-
register
proximity
ambient
light
I2C
LED
driver
9
8
SDA
SCL
3
2
1
4
7
6
10
5 INT
LED 1
LED 2
LED 3
GND_LED
GND
nc
V
DD


Número de pieza similar - SFH-7770

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH-7770-E6 OSRAM-SFH-7770-E6 Datasheet
231Kb / 25P
   Umgebungslicht und N채herungssensor
More results

Descripción similar - SFH-7770

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH-7770-E6 OSRAM-SFH-7770-E6 Datasheet
231Kb / 25P
   Umgebungslicht und N채herungssensor
SFH-7773 OSRAM-SFH-7773 Datasheet
253Kb / 24P
   Umgebungslicht- und N채herungssensor mit IR Emitter
LCBM67C-R2S2-2J8L-1 OSRAM-LCBM67C-R2S2-2J8L-1 Datasheet
683Kb / 23P
   Signal- und Symbolleuchten
logo
Infineon Technologies A...
FF1000R17IE4 INFINEON-FF1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
FD1000R17IE4 INFINEON-FD1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.1
DF1000R17IE4 INFINEON-DF1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
FF450R17IE4 INFINEON-FF450R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
DF650R17IE4 INFINEON-DF650R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
FF650R17IE4V INFINEON-FF650R17IE4V Datasheet
1Mb / 10P
   PrimePACK?? Modul und NTC
2014-04-28 revision:2.0
F3L400R07ME4_B22 INFINEON-F3L400R07ME4_B22 Datasheet
773Kb / 11P
   EconoDUAL3 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com