Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX1473 Datasheet(PDF) 5 Page - Maxim Integrated Products

No. de pieza MAX1473
Descripción Electrónicos  315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1473 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1473 Datasheet HTML 1Page - Maxim Integrated Products MAX1473 Datasheet HTML 2Page - Maxim Integrated Products MAX1473 Datasheet HTML 3Page - Maxim Integrated Products MAX1473 Datasheet HTML 4Page - Maxim Integrated Products MAX1473 Datasheet HTML 5Page - Maxim Integrated Products MAX1473 Datasheet HTML 6Page - Maxim Integrated Products MAX1473 Datasheet HTML 7Page - Maxim Integrated Products MAX1473 Datasheet HTML 8Page - Maxim Integrated Products MAX1473 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
315MHz/433MHz ASK Superheterodyne
Receiver with Extended Dynamic Range
_______________________________________________________________________________________
5
Note 1: 100% tested at TA = +25
°C. Guaranteed by design and characterization over temperature.
Note 2: IRSEL is internally set to 375MHz IR mode. It can be left open when the 375MHz image rejection setting is desired. A 1nF
capacitor is recommended in noisy environments.
Note 3: BER = 2 x 10-3, Manchester encoded, data rate = 4kbps, IF bandwidth = 280kHz.
Note 4: Input impedance is measured at the LNAIN pin. Note that the impedance includes the 15nH inductive degeneration con-
nected from the LNA source to ground. The equivalent input circuit is 50
Ω in series with 2.2pF.
Note 5: Crystal oscillator frequency for other RF carrier frequency within the 300MHz to 450MHz range is (fRF - 10.7MHz)/64 for
XTALSEL = 0V, and (fRF - 10.7MHz)/32 for XTALSEL = VDD.
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, VDD = 3.0V to 3.6V, all RF inputs are referenced to 50
Ω, fRF = 315MHz, TA = -40°C to +85°C, unless oth-
erwise noted. Typical values are at VDD = 3.3V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DATA FILTER
Maximum Bandwidth
BWDF
100
kHz
DATA SLICER
Comparator Bandwidth
BWCMP
100
kHz
Maximum Load Capacitance
CLOAD
10
pF
Output High Voltage
VDD5
V
Output Low Voltage
0V
CRYSTAL OSCILLATOR
VXTALSEL = 0V
6.6128
fRF = 433MHz
VXTALSEL = VDD
13.2256
MHz
VXTALSEL = 0V
4.7547
Crystal Frequency (Note 5)
fXTAL
fRF = 315MHz
VXTALSEL = VDD
9.5094
MHz
Crystal Tolerance
50
ppm
Input Impedance
From each pin to ground
6.2
pF


Número de pieza similar - MAX1473

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1473 MAXIM-MAX1473 Datasheet
293Kb / 6P
   Evaluation Kit
Rev 1; 5/05
MAX1473 MAXIM-MAX1473 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473 Datasheet
294Kb / 6P
   Multiple Test Points Provided On-Board
Rev 1; 5/05
MAX14731 MAXIM-MAX14731 Datasheet
666Kb / 8P
   3V to 28V Operating Voltage Range
Rev 0; 7/17
MAX14731EWV++ MAXIM-MAX14731EWV+ Datasheet
1Mb / 16P
   Dual-Input, Bidirectional Overvoltage Protector with Automatic Path Control
2015
More results

Descripción similar - MAX1473

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com