Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NB6L239 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza NB6L239
Descripción Electrónicos  2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L239 Datasheet(HTML) 1 Page - ON Semiconductor

  NB6L239 Datasheet HTML 1Page - ON Semiconductor NB6L239 Datasheet HTML 2Page - ON Semiconductor NB6L239 Datasheet HTML 3Page - ON Semiconductor NB6L239 Datasheet HTML 4Page - ON Semiconductor NB6L239 Datasheet HTML 5Page - ON Semiconductor NB6L239 Datasheet HTML 6Page - ON Semiconductor NB6L239 Datasheet HTML 7Page - ON Semiconductor NB6L239 Datasheet HTML 8Page - ON Semiconductor NB6L239 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 0
1
Publication Order Number:
NB6L239/D
NB6L239
2.5 V / 3.3 V Any Differential
Clock IN to Differential
LVPECL OUT ÷1/2/4/8,
÷2/4/8/16 Clock Divider
Features
The NB6L239 is a high−speed, low skew clock divider with two
divider circuits, each having selectable clock divide ratios;
B1/2/4/8
and
B2/4/8/16. Both divider circuits drive a pair of differential
LVPECL outputs. (More device information on page 7).
Maximum Clock Input Frequency, 3.0 GHz
Input Compatibility with LVDS/LVPECL/CML/HSTL
Rise/Fall Time 70 ps Typical
< 10 ps Typical Output−to−Output Skew
Ex. 622 MHz Input Generates 38.8 MHz to 622 MHz Outputs
Internal 50 W Termination Provided
Random Clock Jitter < 1 ps RMS
Divide−by−1 Edge of QA Aligned to QB Divided Output
Operating Range: V
CC = 2.375 V to 3.465 V with VEE = 0 V
Master Reset for Synchronization of Multiple Chips
V
BBAC Reference Output
Synchronous Output Enable/Disable
CLK
CLK
EN
Figure 1. Simplified Logic Diagram
QB
QB
MR
QA
QA
SELB1
SELB0
SELA1
SELA0
VT
+
MARKING DIAGRAM*
http://onsemi.com
QFN−16
MN SUFFIX
CASE 485G
XXXX
XXXX
ALYW
XXXX
= Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
Bottom View
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION


Número de pieza similar - NB6L239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239 Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
NB6L239 ONSEMI-NB6L239 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239MN ONSEMI-NB6L239MN Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
NB6L239MNEVB ONSEMI-NB6L239MNEVB Datasheet
249Kb / 6P
   NB6L239MNEVB Evaluation Board Users Manual
February, 2012 ??Rev. 1
NB6L239MNG ONSEMI-NB6L239MNG Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
More results

Descripción similar - NB6L239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB4L339 ONSEMI-NB4L339_12 Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
NB4L339 ONSEMI-NB4L339_07 Datasheet
176Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan?뭀ut Buffer
January, 2007 ??Rev. P2
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com