Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28236FBZ-T7 Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza ISL28236FBZ-T7
Descripción Electrónicos  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28236FBZ-T7 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL28236FBZ-T7 Datasheet HTML 5Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 6Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 7Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 8Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 9Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 10Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 11Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 12Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISL28236
FN6921 Rev 2.00
Page 9 of 15
July 24, 2014
FIGURE 25. IOS vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 26. IOS vs TEMPERATURE, V+, V- = ±1.2V
FIGURE 27. CMRR vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 28. PSRR vs TEMPERATURE, V+, V- = ±1.2V
FIGURE 29. AVOL vs TEMPERATURE, V+, V- = ±2.5V,
VO = -2V TO +2V, RL = 100k
FIGURE 30. AVOL vs TEMPERATURE, V+, V- = ±2.5V,
VO = -2V TO +2V, RL = 1k
Typical Performance Curves V
+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. Plots labeled Min, Median, and Max correspond
to a distribution of devices in the SOIC package. (Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
90
100
110
120
130
140
150
160
170
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
90
100
110
120
130
140
150
160
MIN
MEDIAN
MAX
0
204060
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
-40
-20
60
560
1060
1560
2060
2560
3060
3560
4060
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
60
80
100
120
140
160
180
200
220
MIN
MEDIAN
MAX


Número de pieza similar - ISL28236FBZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236FBZ-T7A INTERSIL-ISL28236FBZ-T7A Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
More results

Descripción similar - ISL28236FBZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com