Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28214FBZ-T7 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza ISL28214FBZ-T7
Descripción Electrónicos  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28214FBZ-T7 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL28214FBZ-T7 Datasheet HTML 1Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 2Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 3Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 4Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 5Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 6Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 7Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 8Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL28114, ISL28214, ISL28414
FN6800 Rev 10.00
Page 3 of 23
December 8, 2016
Pin Configurations
ISL28114FEZ
(5 LD SC-70)
TOP VIEW
ISL28114
(5 LD SOT-23)
TOP VIEW
ISL28214
(8 LD MSOP, 8 LD SOIC, 8 LD SOT-23)
TOP VIEW
ISL28414
(14 LD TSSOP, 14 LD SOIC)
TOP VIEW
IN+
VS-
IN-
VS+
OUT
1
2
3
5
4
OUT
VS-
IN+
VS+
IN-
1
2
3
5
4
OUT_A
IN-_A
IN+_A
VS-
VS+
OUT_B
IN-_B
IN+_B
1
2
3
45
6
7
8
OUT_A
IN-_A
IN+_A
VS+
IN+_B
IN-_B
OUT_B
OUT_D
IN-_D
IN+_D
VS-
IN+_C
IN-_C
OUT_C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Pin Descriptions
PIN NAME
PIN NUMBER
DESCRIPTION
CIRCUITS
5 Ld SC-70
5 Ld SOT-23
8 Ld MSOP,
8 Ld SOIC,
8LdSOT-23
14 Ld TSSOP,
14 LD SOIC
OUT
OUT_A
OUT_B
OUT_C
OUT_D
41
1
7
1
7
8
14
Output
CIRCUIT 1
VS-
2
2
4
11
Negative supply voltage
CIRCUIT 2
IN+
IN+_A
IN+_B
IN+_C
IN+_D
13
3
5
3
5
10
12
Positive Input
CIRCUIT 3
IN-
IN-_A
IN-_B
IN-_C
IN-_D
34
2
6
2
6
9
13
Negative Input
VS+
5
5
8
4
Positive supply voltage
See “CIRCUIT 2”
V+
V-
OUT
V+
V-
CAPACITIVELY
TRIGGERED
ESD CLAMP
IN+
IN-
V+
V-


Número de pieza similar - ISL28214FBZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28214FBZ-T7 INTERSIL-ISL28214FBZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Descripción similar - ISL28214FBZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com