Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28114SOT23EVAL1Z Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza ISL28114SOT23EVAL1Z
Descripción Electrónicos  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28114SOT23EVAL1Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL28114SOT23EVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL28114, ISL28214, ISL28414
FN6800 Rev 10.00
Page 5 of 23
December 8, 2016
AC SPECIFICATIONS
GBWP
Gain-Bandwidth Product
VS = ±2.5V
AV = 100, RF = 100kΩ, RG =1kΩ,
RL = 10kΩ to VCM
5MHz
eN VP-P
Peak-to-Peak Input Noise Voltage
VS = ±2.5V
f = 0.1Hz to 10Hz
12
µVP-P
eN
Input Noise Voltage Density
VS = ±2.5V
f = 1kHz
40
nV/√(Hz)
VS = ±2.5V
f = 10kHz
16
nV/√(Hz)
iN
Input Noise Current Density
VS = ±2.5V
f = 1kHz
8fA/√(Hz)
ZIN
Input Impedance
1012
Ω
Cin
Differential Input Capacitance
VS = ±2.5V
f = 1MHz
1.0
pF
Common-Mode Input Capacitance
1.3
pF
TRANSIENT RESPONSE
SR
Slew Rate
VOUT = 0.5V to 4.5V
2.5
V/µs
tr, tf, Small Signal
Rise Time, tr 10% to 90%
VS = ±2.5V
AV = +1, VOUT = 0.05VP-P
RF =0Ω, RL = 10kΩCL = 15pF
37
ns
Fall Time, tf 10% to 90%
42
ns
ts
Settling Time to 0.1%, 4VP-P Step
VS = ±2.5V
AV = +1, RF = 0ΩRL =10kΩ
CL = 1.2pF
5.6
µs
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
Electrical Specifications VS+=5V, VS-=0V,RL=Open,VCM=VS/2,TA =+25°C, unlessotherwisespecified.Boldfacelimitsapplyacross
the operating temperature range, -40°C to +125°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT


Número de pieza similar - ISL28114SOT23EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28114FEZ-T7 INTERSIL-ISL28114FEZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114FEZ-T7 INTERSIL-ISL28114FEZ-T7 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Descripción similar - ISL28114SOT23EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com