Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28114SOT23EVAL1Z Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de pieza ISL28114SOT23EVAL1Z
Descripción Electrónicos  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28114SOT23EVAL1Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL28114SOT23EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL28114, ISL28214, ISL28414
FN6800 Rev 10.00
Page 7 of 23
December 8, 2016
FIGURE 8. FREQUENCY RESPONSE vs CLOSED-LOOP GAIN
FIGURE 9. FREQUENCY RESPONSE vs VOUT
FIGURE 10. GAIN vs FREQUENCY vs RL
FIGURE 11. GAIN vs FREQUENCY vs CL
FIGURE 12. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 13. CROSSTALK, VS = ±2.5V
Typical Performance Curves V
S = ±2.5V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
FREQUENCY (Hz)
100k
1M
10M
10
10k
1k
100
100M
V+ = ±2.5V
VOUT = 50mVP-P
CL = 4pF
RL = 10k
AV = 1
AV = 100
AV = 1000
Rg = 100, Rf = 100k
AV = 10
Rg = OPEN, Rf = 0
Rg = 1k, Rf = 100k
Rg = 10k, Rf = 100k
-10
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
100M
VS = ±2.5V
AV = +1
RL = 10k
CL = 4pF
VOUT = 1VP-P
VOUT = 100mVP-P
VOUT = 50mVP-P
VOUT = 10mVP-P
VOUT = 500mVP-P
VOUT = 200mVP-P
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = ±2.5V
AV = +1
VOUT = 50mVP-P
CL = 4pF
100
1k
10k
100k
1M
10M
100M
RL = 1k
RL = 100
RL = 4.99k
RL = 499
FREQUENCY (Hz)
-4
-2
0
2
4
6
8
10
12
14
1k
10k
100k
1M
10M
VS = ±2.5V
RL = 10k
AV = +1
VOUT = 50mVP-P
CL = 474pF
CL = 224pF
CL = 104pF
CL = 26pF
CL = 4pF
CL = 1004pF
FREQUENCY (Hz)
100k
1M
10M
10k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100M
CL = 4pF
RL = 10k
AV = +1
VOUT = 50mVP-P
VS = ±2.5V
VS = ±0.9V
VS = ±1.25V
VS = ±1.75V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL-RECEIVER = 10k
AV = +1
VSOURCE = 1VP-P
CL = 4pF
RL-DRIVER = INF
VS = ±2.5V


Número de pieza similar - ISL28114SOT23EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28114FEZ-T7 INTERSIL-ISL28114FEZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114FEZ-T7 INTERSIL-ISL28114FEZ-T7 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Descripción similar - ISL28114SOT23EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com