Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KBL406 Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

No. de pieza KBL406
Descripción Electrónicos  Diffused Junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Página de inicio  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

KBL406 Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  KBL406 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. KBL406 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 4.0 Amp
KBL400 Thru KBL410
Features
- Diffused Junction
- Low Forward Voltage Drop
- High Reliability
- High Current Capability
-
- Ideal for Printed Circuit Boards
- Case: Molded Plastic
- Terminals: Plated Leads Solderable per MIL
STD-202, Method 208
- Weight: 5.6 grams (approx.)
- Mounting Position: Any
High Surge Current Capability
Mechanical Data
Page 1
KBL
~
G
+
-
~~
A
B
C
H
J
E
D
Peak Repetitive Reverse Voltage
VRRM
Working Peak Rever se Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note1) @ TA = 75°C
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage (per element) @IF = 2.0A
VFM
V
Peak Reverse Current
@TC = 25°C
uA
At Rated DC Blocking Voltage @TC = 100°C
mA
I
2t Rating for Fusing (t < 8.3ms) (Note1)
I
2t
A
2s
Typical Thermal Resistance (Note2)
R JC
K/W
Operating and Storage Temperature Range
Tj, TSTG
°C
Maximum Ratings and Electrical Characterics Rating at 25°C unless otherwise specified.
CHARACTERISTICS
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
KBL
410
UNIT
150
KBL
406
KBL
408
50
KBL
400
KBL
401
KBL
402
KBL
404
IR
100
200
400
10
1.1
V
1.0
800
1000
4
600
166
19
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to am bient mounted on PC board with 13.0 x 13.0 x 0.03mm thick land areas.
-65 to +125
Dim
Min
Max
A
18.50
19.50
B
13.70
14.70
C
15.20
16.30
D
6.00
6.50
E
4.60
5.60
G
-
2.10
H
19.00
-
J
1.20
1.30
KBL
All Dimensions in mm


Número de pieza similar - KBL406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
KBL406 SURGE-KBL406 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
KBL406 YFWDIODE-KBL406 Datasheet
474Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
KBL406 BYTESONIC-KBL406 Datasheet
357Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL406 TSC-KBL406 Datasheet
258Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
KBL406 KISEMICONDUCTOR-KBL406 Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Descripción similar - KBL406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
SKBPC25005 SUNTAN-SKBPC25005 Datasheet
829Kb / 4P
   Diffused Junction
SKBPC35005 SUNTAN-SKBPC35005 Datasheet
804Kb / 4P
   Diffused Junction
logo
New Jersey Semi-Conduct...
VF5 NJSEMI-VF5 Datasheet
91Kb / 1P
   Diffused Silicon Junction
1N4383 NJSEMI-1N4383 Datasheet
117Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIER
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD750 PANASONIC-2SD750 Datasheet
205Kb / 4P
   SILICON NPN DIFFUSED JUNCTION MESA
logo
Toshiba Semiconductor
CRG04A TOSHIBA-CRG04A Datasheet
301Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD389 PANASONIC-2SD389 Datasheet
208Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
2SD691 PANASONIC-2SD691 Datasheet
212Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com