Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCW-MVSG.EC Datasheet(PDF) 14 Page - OSRAM GmbH

No. de pieza LCW-MVSG.EC
Descripción Electrónicos  white SMT package, colored diffused silicone resin
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-MVSG.EC Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCW-MVSG.EC Datasheet HTML 10Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 11Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 12Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 13Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 14Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 15Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 16Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 17Page - OSRAM GmbH LCW-MVSG.EC Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
2014-02-21
14
Version 1.0
LCW MVSG.EC
Relative Forward Voltage 6) page25
Relative Vorwärtsspannung 6) Seite 25
Relative Luminous Intensity 6) page 25
Relative Lichtstärke 6) Seite 25
Chromaticity Coordinate Shift 6) page 25
Farbortverschiebung 6) Seite 25
LCW MVSG.EC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,2
-0,1
0,0
0,1
0,2
ΔVF [V]
-40 -20 0 20 40 60 80 100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Iv
Iv(25°C)
-40 -20 0 20 40 60 80 100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: Δ Cx
: Δ Cy


Número de pieza similar - LCW-MVSG.EC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LCW-MTSG OSRAM-LCW-MTSG Datasheet
700Kb / 23P
   white SMT package, colored diffused silicone resin
More results

Descripción similar - LCW-MVSG.EC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com