Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST1000C20K2L Datasheet(PDF) 6 Page - International Rectifier

No. de pieza ST1000C20K2L
Descripción Electrónicos  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

ST1000C20K2L Datasheet(HTML) 6 Page - International Rectifier

  ST1000C20K2L Datasheet HTML 1Page - International Rectifier ST1000C20K2L Datasheet HTML 2Page - International Rectifier ST1000C20K2L Datasheet HTML 3Page - International Rectifier ST1000C20K2L Datasheet HTML 4Page - International Rectifier ST1000C20K2L Datasheet HTML 5Page - International Rectifier ST1000C20K2L Datasheet HTML 6Page - International Rectifier ST1000C20K2L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ST1000C..KSeries
6
www.irf.com
Bulletin I25202 rev. A 01/00
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST1000C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
40
50
60
70
80
90
100
110
120
130
0
400
800 1200 1600 2000 2400
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST1000C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
0
500
1000
1500
2000
2500
3000
0
400
800
1200
1600
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
ST1000C..K Series
T = 125˚C
J
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
ST1000C..K Series
T = 125˚C
J
6000
8000
10000
12000
14000
16000
18000
1
10
100
ST1000C..K Series
Initial T = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
6000
8000
10000
12000
14000
16000
18000
20000
22000
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
ST1000C..K Series
Initial T = 125˚C
No Voltage Reapplied
Rated V
Reapplied
RRM
J


Número de pieza similar - ST1000C20K2L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST1000C20K2L VISHAY-ST1000C20K2L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
ST1000C20K2L VISHAY-ST1000C20K2L Datasheet
143Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 02-Feb-11
More results

Descripción similar - ST1000C20K2L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com