Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5520 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD5520
Descripción Electrónicos  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 3 Page - Analog Devices

  AD5520 Datasheet HTML 1Page - Analog Devices AD5520 Datasheet HTML 2Page - Analog Devices AD5520 Datasheet HTML 3Page - Analog Devices AD5520 Datasheet HTML 4Page - Analog Devices AD5520 Datasheet HTML 5Page - Analog Devices AD5520 Datasheet HTML 6Page - Analog Devices AD5520 Datasheet HTML 7Page - Analog Devices AD5520 Datasheet HTML 8Page - Analog Devices AD5520 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
AD5520
–3–
Parameter
Min
Typ
1
Max
Unit
Test Conditions/Comments
SLEW RATE
4, 5
50
mV/
µs
COMPIN2 = 100 pF
4.3
mV/
µs
COMPIN1 = 1000 pF
1.28
mV/
µs
COMPIN0 = 3000 pF
COMPARATOR
CPH, CPL Input Range
11
V
VCPH > VCPL
Input Offset
7mV
GUARD DRIVER
Output Voltage
11
V
Output Impedance
130
Capacitive Load Only
Output Offset Voltage
400
mV
Load Current
4
4mA
Output Settling Time4
0.5
2
µs
100 pF Capacitive Load
ANALOG REFERENCE INPUTS
Force Control Input Range
11
V
Force Control Input Impedance
1
M
Clamp Control Input Range
11
V
VCLH > VCLL
Clamp Control Input Impedance
1
M
Comparator Threshold Input Range
11
V
Comparator Threshold Input Impedance
1
M
Input Capacitance4
3pF
ANALOG MEASUREMENT OUTPUTS
Voltage Measure Output Impedance
2
Current Measure Output Impedance
3
Multiplexed Sense Output Impedance
1
k
Input Capacitance
MEASIxH, MEASVH, FOHx
8
pF
LOGIC INPUTS
Input Current
1
µAAll digital inputs together
Input Low Voltage, VINL
0.8
V
Input High Voltage, VIHL
2.0
V
Input Capacitance
4
3pF
LOGIC OUTPUTS
Output Low Voltage, VOL
4
0.4
V
ISINK = 2 mA
Output High Voltage, VOH
4
2.4
V
ISOURCE = 2 mA
POWER REQUIREMENTS
AVCC
+14.25
+15
+15.75
V
For specific performance
6
AVEE
–14.25
–15
+15.75
V
Power Supply Rejection Ratio, PSRR
1
FOH
–25
dB
100 kHz
–16
dB
500 kHz
–15
dB
1 MHz
MEASOUT
–55
dB
100 kHz
–10
dB
500 kHz
DC PSR
90
dB
DVDD
5V
IAVCC
12
mA
IAVEE
12
mA
IDVDD
0.5
mA
Digital inputs at supply rails
NOTES
1Typical values are at 25
°C and nominal supply, unless otherwise noted.
2Full-scale = 11 V.
3Full-scale range = 22 V.
4Guaranteed by design and characterization but not subject to production test.
5Force control amplifier dominates slew rate and settling time.
6Operational with
±12 V supplies, force/measure range is reduced to ± 8.5 V.
Specifications subject to change without notice.


Número de pieza similar - AD5520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JST AD-AD5520JST Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
More results

Descripción similar - AD5520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com