Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21090 Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza ISL21090
Descripción Electrónicos  Ultra Low Noise, Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21090 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL21090 Datasheet HTML 1Page - Renesas Technology Corp ISL21090 Datasheet HTML 2Page - Renesas Technology Corp ISL21090 Datasheet HTML 3Page - Renesas Technology Corp ISL21090 Datasheet HTML 4Page - Renesas Technology Corp ISL21090 Datasheet HTML 5Page - Renesas Technology Corp ISL21090 Datasheet HTML 6Page - Renesas Technology Corp ISL21090 Datasheet HTML 7Page - Renesas Technology Corp ISL21090 Datasheet HTML 8Page - Renesas Technology Corp ISL21090 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN6993 Rev 5.00
Page 1 of 20
February 27, 2013
FN6993
Rev 5.00
February 27, 2013
ISL21090
Ultra Low Noise, Precision Voltage Reference
DATASHEET
The ISL21090 is a ultra low noise, high DC accuracy precision
voltage reference with wide input voltage range. The ISL21090
uses the new Intersil Advanced Bipolar technology to achieve
sub 1.0µVP-P (1.25V option) 0.1Hz to 10Hz noise with an initial
voltage accuracy of 0.02% (2.5V option).
The ISL21090 offers 1.25V, 2.5V, 5.0V and 7.5V output voltage
options with 7ppm/°C temperature coefficient and also
provides excellent line and load regulation. These devices are
offered in an 8 Ld SOIC package.
The ISL21090 is ideal for high-end instrumentation, data
acquisition and processing applications requiring high DC
precision where low noise performance is critical.
Applications
• High-end instrumentation
• Precision voltage sources for data acquisition system,
industrial control, communication infrastructure
• Process control and instrumentations
• Active source for sensors
Features
• Reference output voltage option
- 1.25V, 2.5V, 5.0V and 7.5V
• Initial accuracy:
- ISL21090-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.03%
- ISL21090-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.02%
- ISL21090-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.025%
- ISL21090-75 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.035%
• Output voltage noise (0.1Hz to 10Hz) . . . . . . . . . . . . 1.0µVP-P typ
(1.25V option)
• Supply current . . . . . . . . . . . . . . . . . . . . 750µA (1.25V option)
• Temperature coefficient . . . . . . . . . . . . . . . . . . 7ppm/°C max
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . . 20mA
• Line regulation . . . . . . . . . . . . . . . . . . .6ppm/V (1.25V option)
• Load regulation . . . . . . . . . . . . . . 2.5ppm/mA (1.25V option)
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
Related Literature
See AN1764, “ISL21090XXEV1Z User’s Guide”
FIGURE 1. ISL21090 TYPICAL APPLICATION DIAGRAM
FIGURE 2. VOUT vs TEMPERATURE (2.5V OPTION)
10µF
0.1µF
CHIP SELECT
SERIAL CLOCK
SERIAL DATA I/O
VDD
VREF
SCLK
SDIO
CSb
OUTxS
GND
DACOUTx
VIN
VREF
0.1µF
OUTxF
DAC
1
2
3
4
DNC
GND
VOUT
TRIM
6
8
7
5
DNC
DNC
COMP
VIN
2.4980
2.4985
2.4990
2.5000
2.5005
2.5010
-55
-35
-15
5
25
45
65
85
105
125
145
TEMPERATURE (°C)
TYPICAL TEMPERATURE
COEFFICIENT CURVE FOR 10 UNITS
2.4995


Número de pieza similar - ISL21090

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090AFB825Z-TK INTERSIL-ISL21090AFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090B INTERSIL-ISL21090B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Descripción similar - ISL21090

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com