Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL21080CIH315Z-TK Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
ISL21080CIH315Z-TK Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 21 page ISL21080 FN6934 Rev. 6.00 Page 2 of 21 Mar 26, 2018 Pin Configuration ISL21080 (3 LD SOT-23) TOP VIEW 1 2 3 VOUT GND VIN Pin Descriptions PIN NUMBER PIN NAME DESCRIPTION 1VIN Input Voltage Connection 2VOUT Voltage Reference Output 3 GND Ground Connection Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING (Note 4) VOUT OPTION (V) GRADE (%) TEMP. RANGE (°C) TAPE AND REEL (UNITS) PACKAGE (RoHS Compliant) PKG. DWG. # ISL21080DIH309Z-TK BCLA 0.9 ±0.7 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080DIH310Z-TK BCMA 1.024 ±0.7 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080DIH312Z-TK BCNA 1.25 ±0.6 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080CIH315Z-TK BCDA 1.5 ±0.5 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080CIH315Z-T7A BCDA 1.5 ±0.5 -40 to +85 250 3 Ld SOT-23 P3.064A ISL21080CIH320Z-TK BCPA 2.048 ±0.3 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080CIH325Z-TK BCRA 2.5 ±0.3 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080CIH330Z-TK BCSA 3.0 ±0.2 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080CIH333Z-TK BCTA 3.3 ±0.2 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080CIH341Z-TK BCVA 4.096 ±0.2 -40 to +85 1k 3 Ld SOT-23 P3.064A ISL21080CIH350Z-TK BCWA 5.0 ±0.2 -40 to +85 1k 3 Ld SOT-23 P3.064A NOTES: 1. Refer to TB347 for details about reel specifications. 2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), refer to the ISL21080DIH309, ISL21080DIH310, ISL21080DIH312, ISL21080CIH315, ISL21080CIH320, ISL21080CIH325, ISL21080CIH330, ISL21080CIH333, ISL21080CIH341, and ISL21080CIH350 product information pages. For more information about MSL see TB363. 4. The part marking is located on the bottom of the part. |
Número de pieza similar - ISL21080CIH315Z-TK |
|
Descripción similar - ISL21080CIH315Z-TK |