Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CEF10N4 Datasheet(PDF) 5 Page - Chino-Excel Technology

No. de pieza CEF10N4
Descripción Electrónicos  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CET [Chino-Excel Technology]
Página de inicio  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEF10N4 Datasheet(HTML) 5 Page - Chino-Excel Technology

  CEF10N4 Datasheet HTML 1Page - Chino-Excel Technology CEF10N4 Datasheet HTML 2Page - Chino-Excel Technology CEF10N4 Datasheet HTML 3Page - Chino-Excel Technology CEF10N4 Datasheet HTML 4Page - Chino-Excel Technology CEF10N4 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6-111
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
Square Wave Pulse Duration (msec)
Figure 13. Normalized Thermal Transient Impedance Curve
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Figure 9. Gate Charge
Qg, Total Gate Charge (nC)
Figure 10. Maximum Safe
Operating Area
VDS, Drain-Source Voltage (V)
2
1
0.1
0.01
0.01
0.1
1
10
100
1000
10000
PDM
t1
t2
1. R JC (t)=r (t) * R JC
2. R JC=See Datasheet
3. TJM-TC =P*R JC (t)
4. Duty Cycle, D=t1/t2
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
15
12
9
6
3
0
0
6
12
18
24
30
36
42
48
VDS=320V
ID=10A
100
10
0.1
1
10
100
1000
VGS=20V
Single Pulse
Tc=25 C
R
DS
(ON
)L
im
it
1
40
500
10
10
0
s
1ms
D=0.01
6
CEF10N4


Número de pieza similar - CEF10N4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chino-Excel Technology
CEF10N4 CET-CEF10N4 Datasheet
87Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEF10N4 CET-MOS-CEF10N4 Datasheet
875Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
2002.September
More results

Descripción similar - CEF10N4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com