Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL28025FR12Z-T Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
ISL28025FR12Z-T Datasheet(HTML) 7 Page - Renesas Technology Corp |
7 / 53 page ISL28025 FN8388 Rev.6.00 Page 7 of 53 Feb 27, 2018 Absolute Maximum Ratings Thermal Information VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0V I2C_VCC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0V VBUS (ISL28025FI60), REG_IN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63V VBUS (ISL28025FI12, ISL28025FR12) . . . . . . . . . . . . . . . . . . . . . . 16.684V Common-Mode Input Voltage (VINP, VINM). . . . . . . . . . . . . . . . . . . . . . . 63V Differential Input Voltage (VINP, VINM) . . . . . . . . . . . . . . . . . . . . . . . . . ±63V AUXV. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC - GND Input Voltage (Digital Pins) . . . . . . . . . . . . . . . (GND - 0.3) to I2CVCC + 0.3V Output Voltage (Digital Pins) . . . . . . . . . . . . . . (GND - 0.3) to I2CVCC + 0.3V Output Current (VREG_OUT, DAC_OUT (20 Pin QFN)). . . . . . . . . . . . . 10mA Open Drain Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Open Drain Voltage (SMBALERT1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V ESD Ratings Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Latch-Up. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±100mA (at +125°C) Thermal Resistance (Typical) JA (°C/W) JC (°C/W) 16 Ball WLCSP (Notes 5, 6). . . . . . . . . . . . . . . 80 1 20 lead QFN 4x4 (1.85SQmm EPAD) (Notes 5, 6)40 2.5 Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493 Recommended Operating Conditions Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 5. JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 6. For JC, the “case temp” location is taken at the package top center. or bottom thermal pad/PCB though hole array. Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP - VINM = 80mV, Aux V = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin. Temperature limits established by characterization. PARAMETER SYMBOL TEST CONDITIONS MIN (Note 7)TYP MAX (Note 7)UNIT PRIMARY CHANNEL VSHUNT Measurement Range (VINP to VINM) VSHUNT 0±81.91 mV 1LSB Step Shunt Voltage Step_shunt 2.5 µV VSHUNT Offset Voltage Vshunt_vos ±2.5 ±50 µV VSHUNT Offset Voltage vs Temperature Vshunt_TC T = -40°C to +125°C ±0.04 ±0.3 µV/°C VSHUNT Vos vs Common-Mode Vshunt_CMRR ISL28025FI60Z VBUS = 0V to 60V ±0.2 ±2 µV/V ISL28025FI12Z, ISL28025FR12Z VBUS = 0V to 16.384V ±0.2 ±2 µV/V VSHUNT Vos vs Power Supply Vshunt_PSRR VCC = ±10% of VCC nominal ±0.45 µV/V VIN Input Leakage Current Ivin VIN = VSHUNT input path selected, OC detector disabled 15 20 µA VIN = VSHUNT input path selected, OC detector enabled 30 40 µA VIN = VSHUNT input path disabled, OC detector disabled 0.05 0.1 µA Usable Bus Voltage Measurement Range VBUS ISL28025FI60Z 0 60 V ISL28025FI12Z, ISL28025FR12Z 0 16.384 V 1LSB Step Bus Voltage Step_Vbus ISL28025FI60Z 1 mV ISL28025FI12Z, ISL28025FR12Z 0.25 mV |
Número de pieza similar - ISL28025FR12Z-T |
|
Descripción similar - ISL28025FR12Z-T |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |