Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28025FI12Z-T Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza ISL28025FI12Z-T
Descripción Electrónicos  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FI12Z-T Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL28025FI12Z-T Datasheet HTML 4Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 5Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 6Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 7Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 8Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 9Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 10Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 11Page - Renesas Technology Corp ISL28025FI12Z-T Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 8 of 53
Feb 27, 2018
VBUS Offset Voltage
Vbus_vos
ISL28025FI60Z
-20
±1
20
mV
ISL28025FI12Z, ISL28025FR12Z
-5
±0.25
5
mV
VBUS Offset Voltage vs Temperature
Vbus_TC
ISL28025FI60Z; T = -40°C to +125°C
±4
±100
µV/°C
ISL28025FI12Z, ISL28025FR12Z;
T = -40°C to +125°C
±1
±100
µV/°C
VBUS Voltage Coefficient
Vbus_Vco
50
ppm/V
VBUS Vos vs Power Supply
Vbus_PSRR
ISL28025FI60Z;
VCC = ±10% of VCC nominal
±500
µV/V
ISL28025FI12Z, ISL28025FR12Z
VCC = ±10% of VCC nominal
±125
µV/V
Input Impedance VBUS
Zin_Vbus
ISL28025FI60Z
600
ISL28025FI12Z, ISL28025FR12Z
150
AUX CHANNEL
Usable AVXV Voltage Measurement
Range
Vauxv
0
VCC
V
1LSB Step AUXV Voltage
Step_auxv
100
µV
VAUXV Offset Voltage
Vauxv_vos
±0.3
±4
mV
VAUXV Offset Voltage vs Temperature
Vauxv_TC
T = -40°C to +125°C
±0.2
±22
µV/°C
VAUXV Vos vs Power Supply
Vauxv_PSRR
VCC = ±10% of VCC nominal
±1
mV/V
Auxv Input Impedance
Zin_auxv
Input path selected
200
Input path disabled
10
ADC PARAMETERS
ADC Resolution
16
Bits
Primary Shunt Voltage Gain Error
±0.05
±0.25
%
T = -40°C to +125°C
0
±60
ppm/°C
Primary Bus Voltage Gain Error
±0.05
±0.25
%
T = -40°C to +125°C
10
±70
ppm/°C
Aux Bus Voltage Gain Error
±0.05
±0.25
%
T = -40°C to +125°C
10
±65
ppm/°C
Differential Nonlinearity
±1
LSB
ADC TIMING
ADC Conversion Time Resolution
ts Power-Up
ADC[2:0] = 0h
64
70.4
µs
ADC[2:0] = 1h
128
140.8
µs
ADC[2:0] = 2h
256
281.6
µs
ADC[2:0] = 3h
512
563.2
µs
ADC[2:0] = 4, 5h
1.024
1.126
ms
ADC[2:0] = 6, 7h
2.048
2.253
ms
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP - VINM = 80mV, Aux V = 3V, Conversion
Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin. Temperature limits
established by characterization. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT


Número de pieza similar - ISL28025FI12Z-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28025FI12Z-T INTERSIL-ISL28025FI12Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Descripción similar - ISL28025FI12Z-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com