Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3338M Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza CA3338M
Descripción Electrónicos  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3338M Datasheet(HTML) 1 Page - Renesas Technology Corp

  CA3338M Datasheet HTML 1Page - Renesas Technology Corp CA3338M Datasheet HTML 2Page - Renesas Technology Corp CA3338M Datasheet HTML 3Page - Renesas Technology Corp CA3338M Datasheet HTML 4Page - Renesas Technology Corp CA3338M Datasheet HTML 5Page - Renesas Technology Corp CA3338M Datasheet HTML 6Page - Renesas Technology Corp CA3338M Datasheet HTML 7Page - Renesas Technology Corp CA3338M Datasheet HTML 8Page - Renesas Technology Corp CA3338M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN1850 Rev 4.00
Page 1 of 10
July 2004
FN1850
Rev 4.00
July 2004
CA3338, CA3338A
CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
DATASHEET
The CA3338 family are CMOS/SOS high speed R2R voltage
output digital-to-analog converters. They can operate from a
single +5V supply, at video speeds, and can produce
“rail-to-rail” output swings. Internal level shifters and a pin for
an optional second supply provide for an output range below
digital ground. The data complement control allows the
inversion of input data while the latch enable control
provides either feedthrough or latched operation. Both ends
of the R2R ladder network are available externally and may
be modulated for gain or offset adjustments. In addition,
“glitch” energy has been kept very low by segmenting and
thermometer encoding of the upper 3 bits.
The CA3338 is manufactured on a sapphire substrate to
give low dynamic power dissipation, low output capacitance,
and inherent latch-up resistance.
Ordering Information
Features
• CMOS/SOS Low Power
• R2R Output, Segmented for Low “Glitch”
• CMOS/TTL Compatible Inputs
• Fast Settling: (Typ) to 1/2 LSB . . . . . . . . . . . . . . . . . . 20ns
• Feedthrough Latch for Clocked or Unclocked Use
• Accuracy (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . .
0.5 LSB
• Data Complement Control
• High Update Rate (Typ) . . . . . . . . . . . . . . . . . . . . . 50MHz
• Unipolar or Bipolar Operation
• Pb-free Available
Applications
• TV/Video Display
• High Speed Oscilloscope Display
• Digital Waveform Generator
• Direct Digital Synthesis
Pinout
CA3338, CA3338A
(PDIP, SOIC)
TOP VIEW
PART
NUMBER
LINEARITY
(INL, DNL)
TEMP.
RANGE (°C) PACKAGE
PKG.
DWG. #
CA3338E
1.0 LSB
-40 to 85
16 Ld PDIP E16.3
CA3338EZ
(Note)
1.0 LSB
-40 to 85
16 Ld PDIP
(Pb-free)
E16.3
CA3338AE
0.75 LSB
-40 to 85
16 Ld PDIP E16.3
CA3338AEZ
(Note)
0.75 LSB
-40 to 85
16 Ld PDIP
(Pb-free)
E16.3
CA3338M
1.0 LSB
-40 to 85
16 Ld SOIC M16.3
CA3338MZ
(Note)
1.0 LSB
-40 to 85
16 Ld SOIC
(Pb-free)
M16.3
CA3338AM
0.75 LSB
-40 to 85
16 Ld SOIC M16.3
CA3338AMZ
(Note)
0.75 LSB
-40 to 85
16 Ld SOIC
(Pb-free)
M16.3
Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which is compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J Std-020B.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D7
D6
D5
D4
D3
D2
VSS
D1
VDD
COMP
VREF+
VOUT
VREF-
VEE
D0
LE


Número de pieza similar - CA3338M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3338M INTERSIL-CA3338M Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338M INTERSIL-CA3338M Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
CA3338MZ INTERSIL-CA3338MZ Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

Descripción similar - CA3338M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com