Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GNM1M2R71C473MA01 Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

No. de pieza GNM1M2R71C473MA01
Descripción Electrónicos  CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM1M2R71C473MA01 Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button GNM1M2R71C473MA01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Notice
2.Washing
1. Please evaluate a capacitor by actual cleaning equipment and condition surely
for confirming the quality and select the applicable solvent.
2. Unsuitable cleaning solvent may leave residual flux, other foreign substances, causing deterioration of
electrical characteristics and the reliability of the capacitors.
3. Select the proper cleaning conditions.
3-1. Improper cleaning conditions (excessive or insufficient) may result in the deterioration of the
performance of the capacitors.
3.Coating
1. A crack may be caused in the capacitor due to the stress of the thermal contraction of the resin during
 curing process.
The stress is affected by the amount of resin and curing contraction.
Select a resin with small curing contraction.
The difference in the thermal expansion coefficient between a coating resin or a molding resin and
capacitor may cause the destruction and deterioration of the capacitor such as a crack or peeling, and
lead to the deterioration of insulation resistance or dielectric breakdown.
Select a resin for which the thermal expansion coefficient is as close to that of capacitor as possible.
A silicone resin can be used as an under-coating to buffer against the stress.
2. Select a resin that is less hygroscopic.
Using hygroscopic resins under high humidity conditions may cause the deterioration of the
insulation resistance of a capacitor.
An epoxy resin can be used as a less hygroscopic resin.
■ Others
1.Transportation
1. The performance of a capacitor may be affected by the conditions during transportation.
1-1. The capacitors shall be protected against excessive temperature, humidity and mechanical force
during transportation.
(1) Climatic condition
- low air temperature:-40℃
- change of temperature air/air:-25℃/+25℃
- low air pressure:30 kPa
- change of air pressure:6 kPa/min
(2) Mechanical condition
Transportation shall be done in such a way that the boxes are not deformed and forces are not directly
passed on to the inner packaging.
1-2. Do not apply excessive vibration, shock, and pressure to the capacitor.
(1) When excessive mechanical shock or pressure is applied to a capacitor, chipping or cracking may
occur in the ceramic body of the capacitor.
(2) When a sharp edge of an air driver, a soldering iron, tweezers, a chassis, etc. impacts strongly on the
surface of capacitor, the capacitor may crack and short-circuit.
1-3. Do not use a capacitor to which excessive shock was applied by dropping etc.
The capacitor dropped accidentally during processing may be damaged.
JEMCCC-0010Q
23


Número de pieza similar - GNM1M2R71C473MA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM1M2R71C104MA01 MURATA-GNM1M2R71C104MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C104MAA1 MURATA-GNM1M2R71C104MAA1 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C223MA01 MURATA-GNM1M2R71C223MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results

Descripción similar - GNM1M2R71C473MA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM0M2R60J473ME17 MURATA-GNM0M2R60J473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A103ME17 MURATA-GNM0M2R61A103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A473ME17 MURATA-GNM0M2R61A473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C473ME18 MURATA-GNM0M2R61C473ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R61A105ME17 MURATA-GNM214R61A105ME17 Datasheet
668Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C104MA01 MURATA-GNM214R71C104MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C223MA01 MURATA-GNM214R71C223MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E103MA01 MURATA-GNM214R71E103MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E222MA01 MURATA-GNM214R71E222MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C103ME18 MURATA-GNM0M2R61C103ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R60J105ME18 MURATA-GNM0M2R60J105ME18 Datasheet
680Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com