Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GNM1M2R71E103MA01 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

No. de pieza GNM1M2R71E103MA01
Descripción Electrónicos  CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM1M2R71E103MA01 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button GNM1M2R71E103MA01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GNM1M2R71E103MA01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
4-1.Reflow Soldering
1. When sudden heat is applied to the components, the
[Standard Conditions for Reflow Soldering]
mechanical strength of the components will decrease
because a sudden temperature change causes
Infrared Reflow
deformation inside the components. In order to prevent
mechanical damage to the components, preheating is
required for both the components and the PCB board.
Preheating conditions are shown in table 1. It is required to
keep the temperature differential between the solder and
the components surface (ΔT) as small as possible.
2. Solderability of Tin plating termination chips might be
deteriorated when a low temperature soldering profile where
the peak solder temperature is below the melting point of
Tin is used. Please confirm the Solderability of Tin plated
termination chips before use.
Vapor Reflow
3. When components are immersed in solvent after mounting,
be sure to maintain the temperature difference (ΔT)
between the component and the solvent within the range
shown in the table 1.
Table 1
[Allowable Soldering Temperature and Time]
Recommended Conditions
Infrared Reflow
Vapor Reflow
Peak Temperature
230~250℃
230~240℃
240~260℃
Atmosphere
Air
Air
Air or N2
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
In case of repeated soldering, the accumulated
soldering time must be within the range shown above.
4. Optimum Solder Amount for Reflow Soldering
4-1. Overly thick application of solder paste results in
a excessive solder fillet height.
This makes the chip more susceptible to mechanical
and thermal stress on the board and may cause
the chips to crack.
in section
4-2. Too little solder paste results in a lack of adhesive
strength on the outer electrode, which may result in
chips breaking loose from the PCB.
4-3. Make sure the solder has been applied smoothly to the end surface to a height of 0.2mm min.
Make sure not to impose any abnormal mechanical shocks to the PCB.
Pb-Sn Solder
Lead Free Solder
Inverting the PCB
Caution
Part Number
Temperature Differential
GNM0M/GNM1M/GNM21/
GNM31
ΔT≦130℃
!
Temperature(℃)
Peak Temperature
170℃
150℃
130℃
200℃
Soldering
Gradual
Cooling
Preheating
ΔT
60-120 seconds
30-60 seconds
Time
Soldering Time(sec.)
280
270
260
250
240
230
220
0
30
60
120
90
Temperature(℃)
Peak Temperature
170℃
150℃
130℃
ΔT
Soldering
Gradual
Cooling
Preheating
Time
60-120 seconds 20 seconds max.
0.2mm min
JEMCCC-0010Q
16


Número de pieza similar - GNM1M2R71E103MA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM1M2R71E222MA01 MURATA-GNM1M2R71E222MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71E472MA01 MURATA-GNM1M2R71E472MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results

Descripción similar - GNM1M2R71E103MA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM0M2R60J473ME17 MURATA-GNM0M2R60J473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A103ME17 MURATA-GNM0M2R61A103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A473ME17 MURATA-GNM0M2R61A473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C473ME18 MURATA-GNM0M2R61C473ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R61A105ME17 MURATA-GNM214R61A105ME17 Datasheet
668Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C104MA01 MURATA-GNM214R71C104MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C223MA01 MURATA-GNM214R71C223MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E103MA01 MURATA-GNM214R71E103MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E222MA01 MURATA-GNM214R71E222MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C103ME18 MURATA-GNM0M2R61C103ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R60J105ME18 MURATA-GNM0M2R60J105ME18 Datasheet
680Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com