Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADMV7710 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADMV7710
Descripción Electrónicos  Power Amplifier with Power Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADMV7710 Datasheet(HTML) 3 Page - Analog Devices

  ADMV7710 Datasheet HTML 1Page - Analog Devices ADMV7710 Datasheet HTML 2Page - Analog Devices ADMV7710 Datasheet HTML 3Page - Analog Devices ADMV7710 Datasheet HTML 4Page - Analog Devices ADMV7710 Datasheet HTML 5Page - Analog Devices ADMV7710 Datasheet HTML 6Page - Analog Devices ADMV7710 Datasheet HTML 7Page - Analog Devices ADMV7710 Datasheet HTML 8Page - Analog Devices ADMV7710 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADMV7710
Rev. 0 | Page 3 of 17
SPECIFICATIONS
TA = 25°C, VDDxA and VDDxB = 4 V, IDD = 800 mA, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
OPERATING CONDITIONS
Frequency Range
71
76
GHz
PERFORMANCE
Gain
21
24
dB
Gain Variation over Temperature
0.02
dB/°C
Output Power for 1 dB Compression
OP1dB
26
28
dBm
Saturated Output Power
PSAT
29
dBm
Output Third-Order Intercept at Maximum Gain1
OIP3
34
dBm
Power Added Efficiency
PAE
20
%
Input Return Loss
18
dB
Output Return Loss
10
dB
POWER SUPPLY
Total Drain Current2
IDD
800
mA
1 Data taken at output power (POUT) = 14 dBm per tone, 1 MHz spacing.
2 Adjust the VGGxA and VGGxB pads from −2 V to 0 V to achieve the total drain current (IDD) = 800 mA.


Número de pieza similar - ADMV7710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
ADMV7320-EVALZ AD-ADMV7320-EVALZ Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results

Descripción similar - ADMV7710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com