Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADMV7710-SX Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADMV7710-SX
Descripción Electrónicos  Power Amplifier with Power Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADMV7710-SX Datasheet(HTML) 1 Page - Analog Devices

  ADMV7710-SX Datasheet HTML 1Page - Analog Devices ADMV7710-SX Datasheet HTML 2Page - Analog Devices ADMV7710-SX Datasheet HTML 3Page - Analog Devices ADMV7710-SX Datasheet HTML 4Page - Analog Devices ADMV7710-SX Datasheet HTML 5Page - Analog Devices ADMV7710-SX Datasheet HTML 6Page - Analog Devices ADMV7710-SX Datasheet HTML 7Page - Analog Devices ADMV7710-SX Datasheet HTML 8Page - Analog Devices ADMV7710-SX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
71 GHz to 76 GHz, 1 W E-Band
Power Amplifier with Power Detector
Data Sheet
ADMV7710
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Gain: 24 dB typical
Output power for 1 dB compression: 28 dBm typical
Saturated output power: 29 dBm typical
Output third-order intercept: 34 dBm typical
Input return loss: 18 dB typical
Output return loss: 10 dB typical
DC supply: 4 V at 800 mA
No external matching required
Die size: 2.999 mm × 3.999 mm × 0.05 mm
APPLICATIONS
E-band communication systems
High capacity wireless backhaul radio systems
Test and measurement
GENERAL DESCRIPTION
The ADMV7710 is an integrated, E-band, gallium arsenide
(GaAs), pseudomorphic, high electron mobility tranfer (pHEMT),
mono-lithic microwave integrated circuit (MMIC), medium
power amplifier with an on-chip, temperature compensated
power detector that operates from 71 GHz to 76 GHz. The
ADMV7710 provides 24 dB of gain, 28 dBm of output power at
1 dB compression, and 29 dBm of saturated output power at 20%
power added efficiency from a 4 V power supply. The ADMV7710
exhibits excellent linearity and is optimized for E-band commun-
ications and high capacity, wireless backhaul radio systems. The
amplifier configuration and high gain make the device an excellent
candidate for last stage signal amplification before the antenna.
All data is taken with the chip in a 50 Ω test fixture connected via
a 3 mil wide × 0.5 mil thick × 7 mil long ribbon on each port. The
ADMV7710 is available in a 40-pad bare die (CHIP) and
operates over the −55°C to +85°C temperature range.
FUNCTIONAL BLOCK DIAGRAM
4
56789
10
11
12
13
14
15
16
17
18
19
3
2
1
RFIN
20
21
22
RFOUT
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
ADMV7710
Figure 1.


Número de pieza similar - ADMV7710-SX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
ADMV7320-EVALZ AD-ADMV7320-EVALZ Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results

Descripción similar - ADMV7710-SX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com