Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SK010M050ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

No. de Pieza. SK010M050ST
Descripción  2000 Hour Long Life, General Purpose Aluminum Electrolytic
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CDE [Cornell Dubilier Electronics]
Página de inicio  http://www.cde.com
Logo 

SK010M050ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electrolytic Capacitors
SK
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SK
1R0 = 1
K = ±10
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
100
SK101M6R3ST
2.92
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SK221M6R3ST
1.33
240
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SK331M6R3ST
0.88
300
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
470
SK471M6R3ST
0.62
380
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SK102M6R3ST
0.29
580
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M6R3ST
0.14
1050
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M6R3ST
0.10
1250
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M6R3ST
0.08
1700
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
6800
SK682M6R3ST
0.07
1900
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M6R3ST
0.05
2250
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
15000
SK153M6R3ST
0.04
2680
.630 (16.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
10 Vdc (13 Volts Surge)
33
SK330M010ST
7.64
80
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M010ST
5.36
95
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M010ST
2.52
180
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SK221M010ST
1.15
250
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SK331M010ST
0.76
330
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
470
SK471M010ST
0.54
400
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1000
SK102M010ST
0.25
630
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M010ST
0.14
1100
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M010ST
0.10
1400
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M010ST
0.08
1800
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
6800
SK682M010ST
0.07
2150
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M010ST
0.05
2500
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
15000
SK153M010ST
0.04
2950
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
22
SK220M016ST
9.65
75
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M016ST
6.43
110
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M016ST
4.52
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M016ST
2.12
185
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SK221M016ST
0.97
320
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
330
SK331M016ST
0.64
360
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SK471M016ST
0.45
470
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
1000
SK102M016ST
0.21
790
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M016ST
0.14
1350
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M016ST
0.10
1700
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M016ST
0.08
2100
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
6800
SK682M016ST
0.07
2500
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M016ST
0.05
2700
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
10
SK100M025ST
18.57
50
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SK220M025ST
8.44
90
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M025ST
5.63
110
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M025ST
3.95
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M025ST
1.85
185
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
Ratings


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn