Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SK010M050ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

No. de Pieza. SK010M050ST
Descripción  2000 Hour Long Life, General Purpose Aluminum Electrolytic
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CDE [Cornell Dubilier Electronics]
Página de inicio  http://www.cde.com
Logo 

SK010M050ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electrolytic Capacitors
2000 Hour Long Life, General Purpose Aluminum Electrolytic
Type SK is a radial leaded aluminum electrolytic
capacitor with a +85 ºC, 2000 hour long life rating. The
SK is a high CV rated product and is ideal for general
purpose applications such as stereo radio, TV, comput-
ers and other consumer electronic products.
Highlights
• +85 ºC
• 2000 hours - long life
• High CV
• Available in T&R and ammo pack
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Dissipation Factor @ 120 Hz, +20 ºC:
Ripple Multipliers for Voltage and Temperature:
0.47 to 15,000 µF
6.3 to 450 Vdc
±20%
–40 ºC to +85 ºC; 6.3 to 100 Vdc
–25 ºC to +85 ºC; 160 to 450 Vdc
6.3 to 100 Vdc;
I = ≤.01CV or 3 µA Max
Whichever is greater after 2 minutes application
of DC working voltage at 20 ºC
≥100 Vdc; I = ≤.03CV or 10 µA Max
Whichever is greater after 2 minutes application
of DC working voltage at 20 ºC
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V) 6.3 10 16 25 35 50 63 100 160-250 350-450
DF(%) 24 20 16 14 12 10 10 10
20
24
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
1kHz
6 to 25
0.85
1.0
1.1
35 to 100
0.75
1.0
1.3
160 to 250
0.70
1.0
1.4
Ambient
Ripple
Temperature Multiplier
+85 ºC
1.00
+75 ºC
1.14
+65 ºC
1.25
Apply WVDC for 2000 hours at +85 ºC
Capacitance change within 20% of initial limit
DF not to exceed 200% of initial requirement
Leakage current meets initial limits
1000 hrs at +85 ºC with no voltage applied
Cap change within 20% of initial values
DF ≤ 200% of initial requirements
DC leakage current meets initial measured value
For capacitance values > 1000 µF, the DF (%) value is
increased 2% for every additional 1000 µF
Load Life:
Shelf Life:
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn