Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GNM1M25C1H470KD01 Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

No. de pieza GNM1M25C1H470KD01
Descripción Electrónicos  This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM1M25C1H470KD01 Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button GNM1M25C1H470KD01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GNM1M25C1H470KD01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Notice
2.Washing
1. Please evaluate a capacitor by actual cleaning equipment and condition surely
for confirming the quality and select the applicable solvent.
2. Unsuitable cleaning solvent may leave residual flux, other foreign substances, causing deterioration of
electrical characteristics and the reliability of the capacitors.
3. Select the proper cleaning conditions.
3-1. Improper cleaning conditions (excessive or insufficient) may result in the deterioration of the
performance of the capacitors.
3.Coating
1. A crack may be caused in the capacitor due to the stress of the thermal contraction of the resin during
 curing process.
The stress is affected by the amount of resin and curing contraction.
Select a resin with small curing contraction.
The difference in the thermal expansion coefficient between a coating resin or a molding resin and
capacitor may cause the destruction and deterioration of the capacitor such as a crack or peeling, and
lead to the deterioration of insulation resistance or dielectric breakdown.
Select a resin for which the thermal expansion coefficient is as close to that of capacitor as possible.
A silicone resin can be used as an under-coating to buffer against the stress.
2. Select a resin that is less hygroscopic.
Using hygroscopic resins under high humidity conditions may cause the deterioration of the
insulation resistance of a capacitor.
An epoxy resin can be used as a less hygroscopic resin.
■ Others
1.Transportation
1. The performance of a capacitor may be affected by the conditions during transportation.
1-1. The capacitors shall be protected against excessive temperature, humidity and mechanical force
during transportation.
(1) Climatic condition
- low air temperature:-40℃
- change of temperature air/air:-25℃/+25℃
- low air pressure:30 kPa
- change of air pressure:6 kPa/min
(2) Mechanical condition
Transportation shall be done in such a way that the boxes are not deformed and forces are not directly
passed on to the inner packaging.
1-2. Do not apply excessive vibration, shock, and pressure to the capacitor.
(1) When excessive mechanical shock or pressure is applied to a capacitor, chipping or cracking may
occur in the ceramic body of the capacitor.
(2) When a sharp edge of an air driver, a soldering iron, tweezers, a chassis, etc. impacts strongly on the
surface of capacitor, the capacitor may crack and short-circuit.
1-3. Do not use a capacitor to which excessive shock was applied by dropping etc.
The capacitor dropped accidentally during processing may be damaged.
JEMCCC-0010Q
23


Número de pieza similar - GNM1M25C1H470KD01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM1M25C1H100KD01 MURATA-GNM1M25C1H100KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H101KD01 MURATA-GNM1M25C1H101KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H150KD01 MURATA-GNM1M25C1H150KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H151KD01 MURATA-GNM1M25C1H151KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Descripción similar - GNM1M25C1H470KD01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM212R61C474MA16 MURATA-GNM212R61C474MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM214C80J105MEA2 MURATA-GNM214C80J105MEA2 Datasheet
679Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H680KD01 MURATA-GNM1M25C1H680KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A105MA13 MURATA-GNM212R61A105MA13 Datasheet
603Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A225ME16 MURATA-GNM212R61A225ME16 Datasheet
667Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61C105MA16 MURATA-GNM212R61C105MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GRM155R71H561KA01D MURATA-GRM155R71H561KA01D Datasheet
742Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM155R71C103KA01J MURATA-GRM155R71C103KA01J Datasheet
742Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM155R60J104KA01D MURATA-GRM155R60J104KA01D Datasheet
748Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM3195C1H152JA01D MURATA-GRM3195C1H152JA01D Datasheet
735Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com