Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GNM1M25C1H680KD01 Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

No. de pieza GNM1M25C1H680KD01
Descripción Electrónicos  This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM1M25C1H680KD01 Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button GNM1M25C1H680KD01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GNM1M25C1H680KD01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
■ Others
1. Under Operation of Equipment
1-1. Do not touch a capacitor directly with bare hands during operation in order to avoid the danger of
a electric shock.
1-2. Do not allow the terminals of a capacitor to come in contact with any conductive objects (short-circuit).
Do not expose a capacitor to a conductive liquid, inducing any acid or alkali solutions.
1-3. Confirm the environment in which the equipment will operation is under the specified conditions.
Do not use the equipment under the following environment.
(1) Being spattered with water or oil.
(2) Being exposed to direct sunlight.
(3) Being exposed to Ozone, ultraviolet rays or radiation.
(4) Being exposed to toxic gas (e.g., hydrogen sulfide, sulfur dioxide, chlorine, ammonia gas etc.)
(5) Any vibrations or mechanical shocks exceeding the specified limits.
(6) Moisture condensing environments.
1-4. Use damp proof countermeasures if using under any conditions that can cause condensation.
2. Others
2-1. In an Emergency
(1) If the equipment should generate smoke, fire or smell, immediately turn off or unplug the equipment.
If the equipment is not turned off or unplugged, the hazards may be worsened by supplying
continuous power.
(2) In this type of situation, do not allow face and hands to come in contact with the capacitor or burns may be
caused by the capacitors high temperature.
2-2. Disposal of waste
When capacitors are disposed, they must be burned or buried by the industrial waste vender with
the appropriate licenses.
2-3. Circuit Design
GNM Series capacitors in this catalog are not safety recognized products.
2-4. Remarks
Failure to follow the cautions may result, worst case, in a short circuit and smoking when
the product is used.
The above notices are for standard applications and conditions. Contact us when the products are
used in special mounting conditions.
Select optimum conditions for operation as they determine the reliability of the product after assembly.
The data herein are given in typical values, not guaranteed ratings.
Caution
!
JEMCCC-0010Q
19


Número de pieza similar - GNM1M25C1H680KD01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM1M25C1H100KD01 MURATA-GNM1M25C1H100KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H101KD01 MURATA-GNM1M25C1H101KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H150KD01 MURATA-GNM1M25C1H150KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H151KD01 MURATA-GNM1M25C1H151KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Descripción similar - GNM1M25C1H680KD01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GNM212R61C474MA16 MURATA-GNM212R61C474MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H470KD01 MURATA-GNM1M25C1H470KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM214C80J105MEA2 MURATA-GNM214C80J105MEA2 Datasheet
679Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A105MA13 MURATA-GNM212R61A105MA13 Datasheet
603Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A225ME16 MURATA-GNM212R61A225ME16 Datasheet
667Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61C105MA16 MURATA-GNM212R61C105MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GRM155R71H561KA01D MURATA-GRM155R71H561KA01D Datasheet
742Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM155R71C103KA01J MURATA-GRM155R71C103KA01J Datasheet
742Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM155R60J104KA01D MURATA-GRM155R60J104KA01D Datasheet
748Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM3195C1H152JA01D MURATA-GRM3195C1H152JA01D Datasheet
735Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com