Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL320JCP-REEL7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADXL320JCP-REEL7
Descripción Electrónicos  Small and Thin 5 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL320JCP-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXL320JCP-REEL7 Datasheet HTML 4Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 5Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 6Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 7Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 8Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 9Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 10Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 11Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADXL320
Rev. 0 | Page 8 of 16
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
–30
–20
–10
0
10
20
30
40
50
60
70
80
TEMPERATURE (
°C)
Figure 10. Zero g Bias vs. Temperature—Parts Soldered to PCB
35
30
25
20
15
10
5
0
170
190
210
230
250
270
290
310
330
350
NOISE ug/ Hz
Figure 11. X-Axis Noise Density at 25°C
25
20
15
10
5
0
–5
–4
–3
–2
–1
01234
5
PERCENT SENSITIVITY (%)
Figure 12. Z vs. X Cross-Axis Sensitivity
0.180
0.170
0.171
0.172
0.173
0.174
0.175
0.176
0.177
0.178
0.179
–30
–20
–10
0
10
20
30
40
50
60
70
80
TEMPERATURE (
°C)
Figure 13. Sensitivity vs. Temperature—Parts Soldered to PCB
30
25
20
15
10
5
0
170
190
210
230
250
270
290
310
330
350
NOISE ug/ Hz
Figure 14. Y-Axis Noise Density at 25°C
30
25
20
15
10
5
0
–5
–4
–3
–2
–1
01234
5
PERCENT SENSITIVITY (%)
Figure 15. Z vs. Y Cross-Axis Sensitivity


Número de pieza similar - ADXL320JCP-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results

Descripción similar - ADXL320JCP-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
   Small and Thin 2 g Accelerometer
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
   Small and Thin 18 g Accelerometer
REV. 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com