Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8845 Datasheet(PDF) 8 Page - Analog Microelectronics |
|
AME8845 Datasheet(HTML) 8 Page - Analog Microelectronics |
8 / 18 page AME, Inc. 8 3A CMOS LDO AME8845 Parameter Rating Unit Ambient Temperature Range - 40 to + 85 oC Junction Temperature - 40 to + 125 oC n Absolute Maximum Ratings n Recommended Operating Conditions Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device Parameter Maximum Unit Input Voltage 7 V Output Current PD / (VIN - VO) mA Output Voltage GND - 0.3 to VIN + 0.3 V ESD Classification B |
Número de pieza similar - AME8845 |
|
Descripción similar - AME8845 |